Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
ILO−PKSC =VCS−THRS+VINmax×tDELAY−ISNS
LO =60mV3mΩ+36V×70ns
2.2μH =21A
(33)
6. Based on this result, select an inductor with saturation current greater than 21A across the full operating
temperature range.
Alternatively, the current can be sensed using the DCR of the output inductor. The following steps are used to
achieve accurate DCR sensing:
1. Calculate the sense resistor by matching the inductor time constant to the sensing time constant using
Equation 34.
RCS= LO
CCS×RDCR= 2.2μH
0.1μF×4.3mΩ=5.1kΩ
(34)
2. Calculate the current limit given the DCR of the inductor using Equation 35.
ICL=VCS−TH
RDCR =60mV4.3mΩ=13.9A
(35)
where
• VCS-TH is the 60mV current limit threshold.
3. Place the sense resistor and capacitor close to the inductor.
4. Use Kelvin-sense connections, and route the sense lines differentially from the sense network to the
LM25139.
5. The CS-to-output propagation delay (related to the current limit comparator, internal logic, and power
MOSFET gate drivers) causes the peak current to increase above the calculated current limit threshold.
For a total propagation delay tDELAY-ISNS of 70ns, use Equation 36 to calculate the worst-case peak inductor
current with the output shorted.
ILO−PKSC =VCS−TH
RDCR +VINmax ×tDELAY−ISNS
LO =60mV4.3mΩ+36V×70ns
2.2μH =15.1A
(36)
6. Based on the result, choose an inductor with a saturation current of 16A or greater across the full operating
temperature range.
7.2.1.2.4 Output Capacitors
1. Use Equation 37 to estimate the output capacitance required to manage the output voltage overshoot during
a load-off transient (from full load to no load) assuming a load transient deviation specification of 1.5%
(180mV for a 12V output).
COUT≥ LO×∆IOUT2
VOUT+∆VOVERSHOOT2−VOUT2= 2.2μH×10A2
12V+180mV2−12V2=50.5μF
(37)
2. Noting the voltage coefficient of ceramic capacitors where the effective capacitance decreases significantly
with applied voltage, select seven 22-µF, 50V, X5R, ceramic output capacitors. Generally, when sufficient
capacitance is used to satisfy the load-off transient response requirement, the voltage undershoot during a
no-load to full-load transient is also satisfactory.
3. Use Equation 38 to estimate the peak-peak output voltage ripple at nominal input voltage.
∆VOUT= ILO
8×FSW×COUT 2+ RESR×∆ILO2= 3A
8×1MHz×133μF 2+ 1mΩ×3A2=4.1mV (38)
where
• RESR is the effective equivalent series resistance (ESR) of the output capacitors.
• 133 µF is the total effective (derated) ceramic output capacitance at 12V.
4. Use Equation 39 to calculate the output capacitor RMS ripple current using and verify that the ripple current
is within the capacitor ripple current rating.
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com