Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 31 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
7.2 Typical Applications
7.2.1 Design 1 – High Efficiency 1MHz Synchronous Buck Regulator
Figure 7-4 shows the schematic diagram of a single-output synchronous buck regulator with an output voltage
of 12V and a rated load current of 10A. In this example, the current limit is monitored across a sense resistor in
series with the output inductor. The switching frequency is set at 1MHz by resistor RT. The 12V output voltage is
set using a resistor divider.
FPWM/SYNC
AGND
PGND
VOUT
ISNS
LO
SW
HO
CBOOT
VIN
COMP
VCC
PG
EN
RT
LM25139
FB
R
T
R
COMP
C
COMP
C
VCC
C
BOOT
C
IN
C
OUT
R
S
L
O
V
IN = 15V...36V
V
OUT = 12V
I
OUT = 10A
Q
2
Q
1
7
22 F
1.5nF
2
10 F
20.5k
2.2 H
23.2k
4.7 F
3m
0.1 F
R
FBT
100k
R
FBB
7.15k
V
OUT
Figure 7-4. Application Circuit 1 With the LM25139 Buck Regulator at 1MHz
Note
This and subsequent design examples are provided herein to showcase the LM25139 controller
in several different applications. Depending on the source impedance of the input supply bus, an
electrolytic capacitor can be required at the input to provide stability, particularly at low input voltage
and high output current operating conditions. See also Section 7.3.
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com