Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
6.3.9 Minimum Controllable On Time
There are two limitations to the minimum output voltage adjustment range: the LM25139 voltage reference of
0.8V and the minimum controllable switch-node pulse width, tON(min).
tON(min) effectively limits the voltage step-down conversion ratio VOUT / VIN at a given switching frequency. For
fixed-frequency PWM operation, the voltage conversion ratio must satisfy Equation 6:
VOUTVIN>tONmin×FSW
(6)
where
• tON(min) is 25ns (typical).
• FSW is the switching frequency.
If the desired voltage conversion ratio does not meet the above condition, the LM25139 transitions from fixed
switching frequency operation to a pulse-skipping mode to maintain output voltage regulation. For example, if the
desired output voltage is 5V with an input voltage of 24V and switching frequency of 2.1MHz, use Equation 7 to
verify that the conversion ratio.
5V24V>25ns×2.1MHz
(7)
0.208>0.0525
(8)
For wide-VIN applications and low output voltages, an alternative is to reduce the LM25139 switching frequency
to meet the requirement of Equation 6.
6.3.10 Error Amplifier and PWM Comparator (FB)
The LM25139 has a high-gain transconductance amplifier that generates an error current proportional to
the difference between the feedback voltage and an internal precision reference (0.8V). The output of the
transconductance amplifier connects to the COMP pin, allowing the user to provide external control loop
compensation. TI generally recommends a type-II compensation network for peak current-mode control.
In case the output voltage goes below -300mV, comp control of pwm pulses is stopped and low side drive is
turned on until the output voltage goes above -300mV. At that point , comp reasserts control of the pwm pulses.
6.3.11 Slope Compensation
The LM25139 provides internal slope compensation for stable operation with peak current-mode control and a
duty cycle greater than 50%. Use Equation 9 to calculate the buck inductance to provide a slope compensation
contribution equal to one times the inductor down slope.
LO­IDEALμH = VOUTV ×RSmΩ
45×FSWMHz
(9)
• A lower inductance value generally increases the peak-to-peak inductor current, which minimizes size and
cost, and improves transient response at the cost of reduced light-load efficiency due to higher cores losses
and peak currents.
• A higher inductance value generally decreases the peak-to-peak inductor current, reducing switch peak and
RMS currents at the cost of requiring larger output capacitors to meet load-transient specifications.
6.3.12 Inductor Current Sense (ISNS, VOUT)
There are two methods to sense the inductor current of the buck power stage. The first uses a current sense
resistor (also known as a shunt) in series with the inductor, and the second avails of the DC resistance of the
inductor (DCR current sensing).
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com