Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 48 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
• Make the ground connections to the LM25139 controller as shown in Figure 7-23. Create a power
ground directly connected to all high-power components and an analog ground plane for sensitive analog
components. The analog ground plane for AGND and power ground plane for PGND must be connected at a
single point directly under the IC – at the die attach pad (DAP).
• Connect the MOSFETs (switch node) directly to the inductor terminal with short copper connections (without
vias) as this net has high dv/dt and contributes to radiated EMI. The single-layer routing of the switch-node
connection means that switch-node vias with high dv/dt do not appear on the bottom side of the PCB. This
avoids e-field coupling to the reference ground plane during the EMI test. VIN and PGND plane copper
pours shield the polygon connecting the MOSFETs to the inductor terminal, further reducing the radiated EMI
signature.
• Place the EMI filter components on the bottom side of the PCB so that the components are shielded from the
power stage components on the top side.
Figure 7-24. Layer 2 Full Ground Plane Directly Under the Power Components
Q2
Q1
Cin1-4
SW
VIN
GND
GND
0.3mm
vias
L1
L2
L3
L4
Tightly-coupled return path
minimizes power loop impedance
0.15mm
Vias
See also Improve High-Current DC/DC Regulator EMI Performance for Free With Optimized Power Stage Layout application brief
Figure 7-25. PCB Stack-Up Diagram With Low L1L2 Intra-layer Spacing
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com