Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
7.1.1 Power Train Components
A comprehensive understanding of the buck regulator power train components is critical to successfully
completing a synchronous buck regulator design. The following sections discuss the output inductor, input and
output capacitors, power MOSFETs, and EMI input filter.
7.1.1.1 Buck Inductor
For most applications, choose a buck inductance such that the inductor ripple current, ΔIL, is between 30% to
50% of the maximum DC output current at nominal input voltage. Use Equation 12 to choose the inductance
based on a peak inductor current given by Equation 13.
L= VOUT
∆IL×FSW× 1− VOUT
VINnom
(12)
ILpeak =IOUT+∆IL2
(13)
Check the inductor data sheet to make sure that the saturation current of the inductor is well above the peak
inductor current of a particular design. Ferrite designs have very low core loss and are preferred at high
switching frequencies, so design goals can then concentrate on copper loss and preventing saturation. Low
inductor core loss is evidenced by reduced no-load input current and higher light-load efficiency. However, ferrite
core materials exhibit a hard saturation characteristic and the inductance collapses abruptly when the saturation
current is exceeded. This action results in an abrupt increase in inductor ripple current and higher output voltage
ripple, not to mention reduced efficiency and compromised reliability. Note that the saturation current of an
inductor generally decreases as the core temperature increases. Of course, accurate overcurrent protection is
key to avoiding inductor saturation.
7.1.1.2 Output Capacitors
Ordinarily, the output capacitor energy storage of the regulator combined with the control loop response are
prescribed to maintain the integrity of the output voltage within the dynamic (transient) tolerance specifications.
The usual boundaries restricting the output capacitor in power management applications are driven by finite
available PCB area, component footprint and profile, and cost. The capacitor parasitics—equivalent series
resistance (ESR) and equivalent series inductance (ESL)—take greater precedence in shaping the load transient
response of the regulator as the load step amplitude and slew rate increase.
The output capacitor, COUT, filters the inductor ripple current and provides a reservoir of charge for step-load
transient events. Typically, ceramic capacitors provide extremely low ESR to reduce the output voltage ripple
and noise spikes, while tantalum and electrolytic capacitors provide a large bulk capacitance in a relatively
compact footprint for transient loading events.
Based on the static specification of peak-to-peak output voltage ripple denoted by ΔVOUT, choose an output
capacitance that is larger than that shown with Equation 14.
COUT≥ LO×∆IOUT2
VOUT+∆VOVERSHOOT2−VOUT2
(14)
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com