Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
EN
1V
RUV2
RUV1
+
Enable
comparator
11µA
VCC
VIN
Figure 6-3. Programmable Input Voltage UVLO Turn-On
6.3.4 Power-Good Monitor (PG)
The LM25139 includes an output voltage monitoring signal for VOUT to simplify sequencing and supervision.
The power-good signal is used for start-up sequencing of downstream converters, fault protection, and output
monitoring. The power-good output (PG) switches to a high impedance open-drain state when the output voltage
is in regulation. The PG switches low when the output voltage drops below the lower power-good threshold
(92% typical) or rises above the upper power-good threshold (110% typical). A 25µs deglitch filter prevents false
tripping of the PG during transients. TI recommends a pullup resistor of 100kΩ (typical) from PG to the relevant
logic rail.
6.3.5 Switching Frequency (RT)
Program the LM25139 oscillator with a resistor from RT to AGND to set an oscillator frequency between 100kHz
and 3.2MHz. Use Equation 4 to calculate the RT resistance for a given switching frequency.
 RTkΩ = 23759
FSWkHz −0.72
(4)
If the oscillator frequency is set with a resistor from RT to AGND, DRSS is disabled. To enable DRSS, use
Equation 4 for the oscillator frequency and connect the resistor from RT to VCC.
6.3.6 Dual Random Spread Spectrum (DRSS)
LM25139 provides a digital spread spectrum, which reduces the EMI of the power supply over a wide
frequency range. DRSS combines a low-frequency triangular modulation profile with a high frequency cycle-
by-cycle random modulation profile. The low-frequency triangular modulation improves performance in lower
radio-frequency bands, while the high-frequency random modulation improves performance in higher radio
frequency bands.
Spread spectrum works by converting a narrowband signal into a wideband signal that spreads the energy over
multiple frequencies. Because industry standards require different EMI receiver resolution bandwidth (RBW)
settings for different frequency bands, the RBW has an impact on the spread spectrum performance. DRSS
is able to simultaneously improve the EMI performance in the low and high RBWs using the low-frequency
triangular modulation profile and at high frequency cycle-by-cycle random modulation, respectively. DRSS can
reduce conducted emissions up to 15dBμV in the low-frequency band (150kHz to 30MHz) and 5dBμV in the
high-frequency band (30MHz to 108MHz).
To enable DRSS, connect a resistor from RT pin to VCC.
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com