Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 26 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 22Page - Texas Instruments ADC34RF72 Datasheet HTML 23Page - Texas Instruments ADC34RF72 Datasheet HTML 24Page - Texas Instruments ADC34RF72 Datasheet HTML 25Page - Texas Instruments ADC34RF72 Datasheet HTML 26Page - Texas Instruments ADC34RF72 Datasheet HTML 27Page - Texas Instruments ADC34RF72 Datasheet HTML 28Page - Texas Instruments ADC34RF72 Datasheet HTML 29Page - Texas Instruments ADC34RF72 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
7.3.5 Digital Signal Processor (DSP) Features
The device includes several different digital features in the digital signal processing block:
• 12-bit fractional delay with one sampling clock cycle range and a delay step size equal to 1/(212* tCLK)
• Programmable FIR filter for equalization with up to 96-taps per channel
• Multiple digital down converters (DDCs) supporting decimation factors of /2, /3 and /5 up to /32768
• Additional programmable FIR filter for equalization post decimation
DDC0
FRACT.
DELAY
MUX
&
AVG
(2x)
EQ
FIR
MUX
&
AVG
(2x)
DDC
/2K
DDC
/2,/3,/5
EQFIR
GAIN
NCO1
NCO0
MUX
JESD
8 Lanes
ADC0
ADC1
ADC3
ADC2
Figure 7-11. Digital signal processing chain
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com