Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 4Page - Texas Instruments ADC34RF72 Datasheet HTML 5Page - Texas Instruments ADC34RF72 Datasheet HTML 6Page - Texas Instruments ADC34RF72 Datasheet HTML 7Page - Texas Instruments ADC34RF72 Datasheet HTML 8Page - Texas Instruments ADC34RF72 Datasheet HTML 9Page - Texas Instruments ADC34RF72 Datasheet HTML 10Page - Texas Instruments ADC34RF72 Datasheet HTML 11Page - Texas Instruments ADC34RF72 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
ADC32RF72
UNIT
ANH (BGA)
289 Balls
RΘJA
Junction-to-ambient thermal resistance
15.4
℃/W
RΘJC(top)
Junction-to-case (top) thermal resistance
0.5
°C/W
RΘJB
Junction-to-board thermal resistance
4.2
°C/W
ΨJT
Junction-to-top characterization parameter
0.1
°C/W
ΨJB
Junction-to-board characterization parameter
4.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics - Power Consumption
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, ADC sampling rate = 1.5 GSPS, DDC Bypass mode, 50% clock duty cycle,
nominal supply voltages and –1-dBFS differential input, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IAVDD18
Supply current, 1.8V analog supply
Bypass mode
LMFS = 4-2-1-1
315
350
mA
IAVDD12
Supply current, 1.2V analog supply
915
1100
IAVDDCLK18
Supply current, 1.8V clock supply
50
75
IAVDDCLK12
Supply current, 1.2V clock supply
50
75
IDVDD09
Supply current, 0.9V digital supply
1450
1800
IAVDDGPIO18
Supply current, 1.8V GPIO supply
5
PDIS
Power dissipation
3.1
W
POWER DOWN MODES
PDIS
Fast power down mode power consumption
Fast wake up time
2.0
W
PDIS
Global power down mode power consumption
0.4
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com