Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 47 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 43Page - Texas Instruments ADC34RF72 Datasheet HTML 44Page - Texas Instruments ADC34RF72 Datasheet HTML 45Page - Texas Instruments ADC34RF72 Datasheet HTML 46Page - Texas Instruments ADC34RF72 Datasheet HTML 47Page - Texas Instruments ADC34RF72 Datasheet HTML 48Page - Texas Instruments ADC34RF72 Datasheet HTML 49Page - Texas Instruments ADC34RF72 Datasheet HTML 50Page - Texas Instruments ADC34RF72 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
Table 7-18. JESD TX Link Registers (x: 0 = LINK0, 1 = LINK1) (continued)
System Parameter Name
Size
Default
Reset
Description
JESD_PHY_LANE{y}_DATA_SEL
3
0,1
RW
Set the physical lane data source for the lane{y}. (y = 0..7).
0: JESD logical lane 0 used as the lane data.
1: JESD logical lane 1 used as the lane data.
2: JESD logical lane 2 used as the lane data.
3: JESD logical lane 3 used as the lane data.
4: JESD logical lane 4 used as the lane data.
5: JESD logical lane 5 used as the lane data.
6: JESD logical lane 6 used as the lane data.
7: JESD logical lane 7 used as the lane data.
JESD_PHY_LANE_POLARITY_CTRL
8
0
RW
Set the individual physical lane polarity. If the bit is set, the corresponding
physical lane polarity is inverted.
Bit 0: JESD physical lane 0 polarity control.
Bit 1: JESD physical lane 1 polarity control.
Bit 2: JESD physical lane 2 polarity control.
Bit 3: JESD physical lane 3 polarity control.
Bit 4: JESD physical lane 4 polarity control.
Bit 5: JESD physical lane 5 polarity control.
Bit 6: JESD physical lane 6 polarity control.
Bit 7: JESD physical lane 7 polarity control.
7.3.6.1.1 JESD204B Initial Lane Alignment (ILA)
The receiving device starts the initial lane alignment process by deasserting the SYNC signal. When a logic
low state is detected on the SYNC input, the ADC starts transmitting comma characters (K28.5) to establish
the code group synchronization, as shown in Figure 7-35. When synchronization is completed, the receiving
device reasserts the SYNC signal and the ADC starts the initial lane alignment sequence with the next local
multi-frame clock (LMFC) boundary. The ADC transmits four multi-frames, each containing K frame (K is SPI
programmable). Each of the multi-frames contains the frame start and frame end symbols. The second multi-
frame also contains the JESD204B link configuration data.
SYNC
SYSREF
LMFC Clock
LMFC Boundary
xxx
Transmit Data
K28.5
K28.5
ILA
ILA
DATA
DATA
Multi-Frame
Code Group Synchronization
Initial Lane Alignment
Data Transmission
Figure 7-35. JESD204B Internal Timing Diagram
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com