Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 46 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 42Page - Texas Instruments ADC34RF72 Datasheet HTML 43Page - Texas Instruments ADC34RF72 Datasheet HTML 44Page - Texas Instruments ADC34RF72 Datasheet HTML 45Page - Texas Instruments ADC34RF72 Datasheet HTML 46Page - Texas Instruments ADC34RF72 Datasheet HTML 47Page - Texas Instruments ADC34RF72 Datasheet HTML 48Page - Texas Instruments ADC34RF72 Datasheet HTML 49Page - Texas Instruments ADC34RF72 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
Table 7-18. JESD TX Link Registers (x: 0 = LINK0, 1 = LINK1) (continued)
System Parameter Name
Size
Default
Reset
Description
LINK{x}_JESD_LANES
4
4
RW
Set the JESD lanes (L) parameter for the link.
0: LINK is disabled.
1: JESD L parameter set to 1.
2: JESD L parameter set to 2.
4: JESD L parameter set to 4.
8: JESD L parameter set to 8.
LINK{x}_JESD_CONVERTERS
4
2
RW
Set the JESD converters (M) parameter for the link.
0: LINK is disabled.
1: JESD M parameter set to 1.
2: JESD M parameter set to 2.
4: JESD M parameter set to 4.
8: JESD M parameter set to 8.
LINK{x}_JESD_OCTETS_PER_FRAME
7
1
RW
Set the JESD octets per frame (F) parameter for the link. The max value is for
F is 64. If N' is 32 then F must be a multiple of 4.
1...64: JESD F parameter value.
LINK{x}_JESD_SAMPLES_PER_CONVER
TER
3
1
RW
Set the JESD samples per converter (S) parameter for the link.
1: JESD S parameter set to 1.
2: JESD S parameter set to 2.
4: JESD S parameter set to 4.
LINK{x}_JESD_K_OR_E
8
32
RW
Set either the JESD frames per multi-frame (K) or the multi-blocks per
extended multi-block (E). This field is the K parameter when 8b10b encoding is
used or E when 64b66b encoding is used.
LINK{x}_CONV_SEL_{y}
5
16
RW
Select the data source of the {y} converter in the link. (y=0..7)
0: DDC0 in-phase component data.
1: DDC0 quadrature component data.
2: DDC1 in-phase component data.
3: DDC1 quadrature component data.
4: DDC2 in-phase component data.
5: DDC2 quadrature component data.
6: DDC3 in-phase component data.
7: DDC3 quadrature component data.
8: DDC4 in-phase component data.
9: DDC4 quadrature component data.
10: DDC5 in-phase component data.
11: DDC5 quadrature component data.
12: DDC6 in-phase component data.
13: DDC6 quadrature component data.
14: DDC7 in-phase component data.
15: DDC7 quadrature component data.
16: ADC0 data from DSP_OUT.
17: ADC1 data from DSP_OUT.
18: ADC2 data from DSP_OUT.
19: ADC3 data from DSP_OUT.
JESD_SYNC_N_SRC_SEL
2
0
RW
Set the SYNC_N signal source for 8b10b.
0: GPIO0 used as SYNC_N input.
2: SYNC_N is internally generated through software.
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com