Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 8Page - Texas Instruments ADC34RF72 Datasheet HTML 9Page - Texas Instruments ADC34RF72 Datasheet HTML 10Page - Texas Instruments ADC34RF72 Datasheet HTML 11Page - Texas Instruments ADC34RF72 Datasheet HTML 12Page - Texas Instruments ADC34RF72 Datasheet HTML 13Page - Texas Instruments ADC34RF72 Datasheet HTML 14Page - Texas Instruments ADC34RF72 Datasheet HTML 15Page - Texas Instruments ADC34RF72 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
5.9 Typical Characteristics
Typical values are at TA = 25°C, ADC sampling rate = 1.5GSPS, 50% clock duty cycle, nominal supplies and –1dBFS
differential input, 100Ω termination, unless otherwise noted
Input Frequency (MHz)
0
250
500
750
-120
-100
-80
-60
-40
-20
0
SNRflat = 74.6dBFS
Figure 5-1. Single Tone FFT at FIN = 100MHz
Input Frequency (MHz)
0
250
500
750
-120
-100
-80
-60
-40
-20
0
SNRflat = 73.7dBFS
Figure 5-2. Single Tone FFT at FIN = 300MHz
Input Frequency (MHz)
0
250
500
750
-120
-100
-80
-60
-40
-20
0
SNRflat = 71.5dBFS
Figure 5-3. Single Tone FFT at FIN = 900MHz
Input Frequency (MHz)
0
250
500
750
-120
-100
-80
-60
-40
-20
0
SNRflat = 74.6dBFS, AIN = -20dBFS
Figure 5-4. Single Tone FFT at FIN = 900MHz
Input Frequency (MHz)
0
250
500
750
-120
-100
-80
-60
-40
-20
0
SNRflat = 67.8dBFS
Figure 5-5. Single Tone FFT at FIN = 1400MHz
Input Frequency (MHz)
0
150
300
450
600
750
-120
-100
-80
-60
-40
-20
0
AIN = -7dBFS/tone
Figure 5-6. Two Tone FFT at FIN = 100/200MHz
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com