Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 4 Page - Texas Instruments

  ADC34RF72 Datasheet HTML 1Page - Texas Instruments ADC34RF72 Datasheet HTML 2Page - Texas Instruments ADC34RF72 Datasheet HTML 3Page - Texas Instruments ADC34RF72 Datasheet HTML 4Page - Texas Instruments ADC34RF72 Datasheet HTML 5Page - Texas Instruments ADC34RF72 Datasheet HTML 6Page - Texas Instruments ADC34RF72 Datasheet HTML 7Page - Texas Instruments ADC34RF72 Datasheet HTML 8Page - Texas Instruments ADC34RF72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
AVDDCLK12
T9, T10, U12
P
Clock power supply, 1.2V. Low noise LDO recommended
AVDD18
E9,H5,H13,J13,M6,M13,
N1,N6,N13,N17,P6,P13,
R6,R13,T1,T3,T4,T14,T15,
T17
P
Analog 1.8V supply. Low noise LDO recommended
AVDDCLK18
T8, T11
P
Clock power supply, 1.8V. Low noise LDO recommended
AVDDGPIO18
L5
P
1.8V power supply for GPIO pins.
CLKN,
CLKP
U9,
U10
I
Differential clock input. Internal differential 100Ω termination and self bias to common mode
voltage of 0.7V. Must be AC coupled externally.
DVDD09
C8, D8, E8, F8,G8, H8, J8,
K8, K13, L6,L7, L8,
L9, L10, L11, L12, L13
P
Digital power supply, 0.9V. Switching DC/DC regulator is recommended.
GND
A1,A6,A9,A12,A17,B2,B16,
C10,D1,D10,D17,E10,F10,G5,
G9,G10,G13,H9,H10,
J6,J7,J9,J10,J11,J12,K6,
K7,K9,K10,K11,K12,M1,
M2,M5,M7,M9, M10,M12,
M16,M17,N2,N5,N9,N10,
N12,N16,P2,P5,P9,P10,
P12,P16,R2,R5,R7,R8,
R9,R10,R11,R12,R16,T2,
T5,T6,T13,T16,U1,U2,
U5,U8,U11,U13,U16,U17
G
Ground, 0V
GPIO1,
GPIO2,
GPIO3
K4,
L14,
J15
I/O
The GPIO pins can be assigned different functions using SPI writes. See Section 7.5.1.
GPIO8,
GPIO9,
GPIO10
L4,
J3,
K3,
I/O
GPIO12 to GPIO23
J2, K2, L2, C2,
D2, K16,L16, J17, K17,
L17, C16, D16
I/O
IN0N,
IN0P
R17,
P17
I
Differential analog input, ch 0. Internal programmable 50, 100 and 200Ω termination.
IN1N,
INIP
U14,
U15
I
Differential analog input, ch 1. Internal programmable 50, 100 and 200Ω termination.
IN2N,
IN2P
P1,
R1
I
Differential analog input, ch 2. Internal programmable 50, 100 and 200Ω termination.
IN3N,
IN3P
U3,
U4
I
Differential analog input, ch 3. Internal programmable 50, 100 and 200Ω termination.
JESDCLKN,
JESDCLKP
C9,
D9
O
Differential JESD output clock. LVDS logic levels. Can be configured to serdes lane rate
divided by (8x k). By default this feature is powered down and pins can be left floating.
This output clock is derived directly from the internal SerDes PLL and does not provide
deterministic latency.
LVDSDCLK0N,
LVDSDCLK0P
F17,
E17
O
Differential LVDS bit clock output.
Not yet supported in software. Leave as 'No Connect'
LVDSDCLK1N,
LVDSDCLK1P
F1,
E1
O
LVDSFCLK0N,
LVDSFCLK0P
H17,
G17
O
Differential LVDS frame clock output.
Not yet supported in software. Leave as 'No Connect'
LVDSFCLK1N,
LVDSFCLK1P
H1,
G1
O
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com