Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 10Page - Texas Instruments ADC34RF72 Datasheet HTML 11Page - Texas Instruments ADC34RF72 Datasheet HTML 12Page - Texas Instruments ADC34RF72 Datasheet HTML 13Page - Texas Instruments ADC34RF72 Datasheet HTML 14Page - Texas Instruments ADC34RF72 Datasheet HTML 15Page - Texas Instruments ADC34RF72 Datasheet HTML 16Page - Texas Instruments ADC34RF72 Datasheet HTML 17Page - Texas Instruments ADC34RF72 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
5.9 Typical Characteristics (continued)
Typical values are at TA = 25°C, ADC sampling rate = 1.5GSPS, 50% clock duty cycle, nominal supplies and –1dBFS
differential input, 100Ω termination, unless otherwise noted
Input Amplitude (dBFS)
-80
-70
-60
-50
-40
-30
-20
-10
0
71
60
72
75
73
90
74
105
75
120
76
135
77
150
SNRflat
HD23
Non HD23
FIN = 900MHz
Figure 5-13. AC Performance vs AIN
Input Amplitude/Tone (dBFS)
-80
-70
-60
-50
-40
-30
-20
-10
0
70
80
90
100
110
120
130
FIN = 100/200MHz
FIN = 900/1000MHz
Figure 5-14. IMD3 Performance vs AIN
Sampling Rate (GSPS)
0.5
0.75
1
1.25
1.5
72
70
73
75
74
80
75
85
76
90
77
95
78
100
79
105
80
110
SNR
SNRflat
HD23
Non HD23
FIN = 100MHz
Figure 5-15. AC Performance vs FS
Clock Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
3
69
60
70
65
71
70
72
75
73
80
74
85
75
90
76
95
77
100
SNR (Fin = 100MHz)
SFDR (Fin = 100MHz)
SNR (Fin = 900MHz)
SFDR (Fin = 900MHz)
Figure 5-16. AC Performance vs Clock Amplitude
Clock Duty Cycle (%)
20
25
30
35
40
45
50
55
60
65
70
75
80
67
65
68
70
69
75
70
80
71
85
72
90
73
95
74
100
75
105
76
110
77
115
SNRflat (Fin = 100MHz)
HD23 (Fin = 100MHz)
SNRflat (Fin = 900MHz)
HD23 (Fin = 900MHz)
Figure 5-17. AC Performance vs Clock Duty Cycle
AVDD12 (V)
1.15
1.2
1.25
73
70
74
80
75
90
76
100
77
110
SNRflat
HD23
Non HD23
Figure 5-18. AC Performance vs AVDD12 Supply
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com