Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 3 Page - Texas Instruments

  ADC34RF72 Datasheet HTML 1Page - Texas Instruments ADC34RF72 Datasheet HTML 2Page - Texas Instruments ADC34RF72 Datasheet HTML 3Page - Texas Instruments ADC34RF72 Datasheet HTML 4Page - Texas Instruments ADC34RF72 Datasheet HTML 5Page - Texas Instruments ADC34RF72 Datasheet HTML 6Page - Texas Instruments ADC34RF72 Datasheet HTML 7Page - Texas Instruments ADC34RF72 Datasheet HTML 8Page - Texas Instruments ADC34RF72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
4 Pin Configuration and Functions
Figure 4-1. 289-Ball Flip Chip BGA
(Top View)
Table 4-1. Pin Functions
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
AVDD12
B3,B4,B5,B6,B7,B8,B9,
B10,B11,B12,B13,B14,B15,F9,
M3,M4,M8,M11,M14,
M15,N3,N4,N8,N11,N14,
N15,P3,P4,P8,P11,P14,
P15,R3,R4,R14,R15
P
Analog 1.2V supply. Low noise LDO recommended.
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com