Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 2Page - Texas Instruments ADC34RF72 Datasheet HTML 3Page - Texas Instruments ADC34RF72 Datasheet HTML 4Page - Texas Instruments ADC34RF72 Datasheet HTML 5Page - Texas Instruments ADC34RF72 Datasheet HTML 6Page - Texas Instruments ADC34RF72 Datasheet HTML 7Page - Texas Instruments ADC34RF72 Datasheet HTML 8Page - Texas Instruments ADC34RF72 Datasheet HTML 9Page - Texas Instruments ADC34RF72 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
LVDSD29N,
LVDSD29P
C3,
D3
O
LVDS output interface
Not yet supported in software. Leave as 'No Connect'
LVDSD30N,
LVDSD30P
G2,
H2
O
LVDSD31N,
LVDSD31P
E2,
F2
O
NC
J5,J14,K1,K5,K14,L1
-
Do not connect
RESET
J1
I
Hardware reset. Active low. This pin has an internal 10kΩ pullup resistor to AVDD18.
SCLK
K15
I
Serial interface clock input. This pin has an internal 10kΩ pulldown resistor.
SDIO
L15
I/O
Serial interface data input/output. This pin has an internal 10kΩ pulldown resistor.
SDOUT
L3
O
Serial interface data output.
SEN
J16
I
Serial interface enable. Active low. This pin has an internal 10kΩ pullup resistor to AVDD18.
STX0N,
STX0P
C17,
B17
O
Differential, high-speed serial JESD204B/C output data interface, lane 0
STX1N,
STX1P
A16,
A15
O
Differential, high-speed serial JESD204B/C output data interface, lane 1
STX2N,
STX2P
A14,
A13
O
Differential, high-speed serial JESD204B/C output data interface, lane 2
STX3N,
STX3P
A11,
A10
O
Differential, high-speed serial JESD204B/C output data interface, lane 3
STX4N,
STX4P
C1,
B1
O
Differential, high-speed serial JESD204B/C output data interface, lane 4
STX5N,
STX5P
A2,
A3
O
Differential, high-speed serial JESD204B/C output data interface, lane 5
STX6N,
STX6P
A4,
A5
O
Differential, high-speed serial JESD204B/C output data interface, lane 6
STX7N,
STX7P
A7,
A8
O
Differential, high-speed serial JESD204B/C output data interface, lane 7
SYNC
J4
I
JESD active low SYNC input. When SYNC is low and the device is configured, the device
sends K characters on the JESD lanes.
SYSREFN,
SYSREFP
U6,
U7
I
Differential SYSREF input (100Ω differential termination, self biased to 1.2V). AC and DC
coupling is supported.
TIMESTAMPN,
TIMESTAMPP
P7,
N7
I
Not yet supported in software. Can be connected to GND.
VCM
T7, T12
O
Common mode voltage reference output. The two pins are internally shorted together.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com