Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 73 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 73 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 66Page - Texas Instruments ADC34RF72 Datasheet HTML 67Page - Texas Instruments ADC34RF72 Datasheet HTML 68Page - Texas Instruments ADC34RF72 Datasheet HTML 69Page - Texas Instruments ADC34RF72 Datasheet HTML 70Page - Texas Instruments ADC34RF72 Datasheet HTML 71Page - Texas Instruments ADC34RF72 Datasheet HTML 72Page - Texas Instruments ADC34RF72 Datasheet HTML 73Page - Texas Instruments ADC34RF72 Datasheet HTML 74Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.8) TYP
(0.8) TYP
289X (
0.45)
4230247/C 03/2024
FCCSP - 1.968 mm max height
ANH0289A
BALL GRID ARRAY
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SYMM
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.15 mm THICK STENCIL
SCALE: 6X
C
1
2
3
4
5
6
7
8
9
10
11
12
13
A
B
D
E
F
G
H
J
K
L
M
N
14
15
16
17
P
R
T
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com