Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 40 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 40 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 36Page - Texas Instruments ADC34RF72 Datasheet HTML 37Page - Texas Instruments ADC34RF72 Datasheet HTML 38Page - Texas Instruments ADC34RF72 Datasheet HTML 39Page - Texas Instruments ADC34RF72 Datasheet HTML 40Page - Texas Instruments ADC34RF72 Datasheet HTML 41Page - Texas Instruments ADC34RF72 Datasheet HTML 42Page - Texas Instruments ADC34RF72 Datasheet HTML 43Page - Texas Instruments ADC34RF72 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
7.3.5.5.4 Numerically Controlled Oscillator (NCO)
FS = ADC sampling rate (MSPS)
Each digital down-converter (DDC) uses a 48-bit numerically controlled oscillator (NCO) to fine tune the
frequency placement prior to the digital filtering as shown in Figure 7-30. The NCO frequency range is -FS/2
to FS/2 and is dictated by a frequency control word (FCW) and phase offset.
There are two different NCO frequencies for each DDC. The desired NCO frequency is programmed via SPI and
can be selected using SPI or the GPIO pins. When using the GPIO pins for NCO frequency control, frequency
hopping can be achieved in less than 1µs.
NCO1[7:0]
nco1_fcw[7:0]
nco1_phase[7:0]
nco_hop_mode[7:0]
NCO0[7:0]
nco_update[7:0]
nco0_fcw[7:0]
nco0_phase[7:0]
e
±j n
gpio_nco_sel[7:0]
sw_nco_sel[7:0]
mixer_nco_sel[7:0]
nco_hop_src_sel[7:0]
nco_reset[7:0]
Figure 7-30. NCO block diagram with all control signals
Infinite Phase Coherent NCO: With a phase coherent NCO, all frequencies are synchronized to a single event
using SYSREF. This enables an infinite amount of frequency hops without the need to reset the NCO as phase
coherency is maintained between frequency hops. This is illustrated in Figure 7-31 (right). When returning to the
original frequency f1, the NCO phase appears as if the NCO had never changed frequencies.
f1
f2
f1
Figure 7-31. Infinite Phase Coherent NCO Frequency Switching
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com