Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF72 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 7Page - Texas Instruments ADC34RF72 Datasheet HTML 8Page - Texas Instruments ADC34RF72 Datasheet HTML 9Page - Texas Instruments ADC34RF72 Datasheet HTML 10Page - Texas Instruments ADC34RF72 Datasheet HTML 11Page - Texas Instruments ADC34RF72 Datasheet HTML 12Page - Texas Instruments ADC34RF72 Datasheet HTML 13Page - Texas Instruments ADC34RF72 Datasheet HTML 14Page - Texas Instruments ADC34RF72 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
5.8 Timing Requirements
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, ADC sampling rate = 1.5 GSPS, DDC Bypass mode, 50% clock duty cycle,
nominal supply voltages and –1-dBFS differential input, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
ADC Timing Specifications
TAD
Aperture Delay
0.15
ns
Aperture Delay variation
0.05
ns
TA
Aperture Jitter
40
fs
CER
Code error rate
1e-15
errors/
sample
Wake up time
time to valid data (SNR within 2dB of data
sheet values) after coming out of fast power
down (JESD stays active)
5
μs
LATENCY: tPD + tADC
tPD
Propagation delay
1
ns
tADC
ADC latency from sampling instant to JESD
output
DDC bypass, LMFS = 8411
524
ADC
clock
cycles
SERIAL PROGRAMMING INTERFACE (SCLK, SEN, SDIO) - Input
fCLK(SCLK) Serial clock frequency
1
50
MHz
tS(SEN)
SEN to rising edge of SCLK
10
ns
tH(SEN)
SEN from rising edge of SCLK
10
ns
tSU(SDIO)
SDIO to rising edge of SCLK
10
ns
tH(SDIO)
SDIO from rising edge of SCLK
10
ns
SERIAL PROGRAMMING INTERFACE (SDIO, SDOUT) - Output
t(OZD)
SDIO tri-state to driven
10
ns
t(ODZ)
SDIO data to tri-state
14
ns
t(OD)
SDIO valid from falling edge of SCLK
10
ns
Timing: SYSREFP/N
ts(SYSREF)
Setup time, SYSREFP/N valid to rising edge
of CLKP/N
50
ps
th(SYSREF)
Hold time, SYSREFP/N valid to rising edge of
CLKP/N
50
ps
CML SerDes Outputs: STX[0..7]P/N
fSerdes
SerDes bit rate
4.0
24.75
Gbps
RJ
Random jitter
0.45
ps
DJ
Deterministic jitter
12.5
ps
TJ
Total jitter, peak-peak
19.7
ps
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com