Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 20Page - Texas Instruments TUSB1146 Datasheet HTML 21Page - Texas Instruments TUSB1146 Datasheet HTML 22Page - Texas Instruments TUSB1146 Datasheet HTML 23Page - Texas Instruments TUSB1146 Datasheet HTML 24Page - Texas Instruments TUSB1146 Datasheet HTML 25Page - Texas Instruments TUSB1146 Datasheet HTML 26Page - Texas Instruments TUSB1146 Datasheet HTML 27Page - Texas Instruments TUSB1146 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
24
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 USB 3.1
The TUSB1146 supports USB 3.1 Gen1/Gen2 datarates up to 10 Gbps. The TUSB1146 supports all the USB
defined power states (U0, U1, U2, and U3). Because the TUSB1146 is a linear redriver, it can’t decode USB3.1
physical layer traffic. The TUSB1146 monitors the actual physical layer conditions like receiver termination,
electrical idle, LFPS, and SuperSpeed signaling rate to determine the USB power state of the USB 3.1 interface.
The TUSB1146 features an intelligent low frequency periodic signaling (LFPS) detector. The LFPS detector
automatically senses the low frequency signals and disables receiver equalization functionality. When not
receiving LFPS, the TUSB1146 will enable receiver equalization based on the EQ[1:0] and SSEQ[1:0] pins or
values programmed into EQ1_SEL, EQ2_SEL, and SSEQ_SEL registers.
8.3.2 DisplayPort
The TUSB1146 supports up to 4 DisplayPort lanes at datarates up to 10 Gbps (UHBR10). The TUSB1146, when
configured in DisplayPort mode, monitors the native AUX traffic as it traverses between DisplayPort source and
DisplayPort sink. For the purposes of reducing power, the TUSB1146 manages the number of active DisplayPort
lanes based on the content of the AUX transactions. The TUSB1146 snoops native AUX writes to DisplayPort
sink’s DPCD registers 0x00101 (LANE_COUNT_SET) and 0x00600 (SET_POWER_STATE). TUSB1146
disables/enables lanes based on value written to LANE_COUNT_SET. The TUSB1146 disables all lanes when
SET_POWER_STATE is in the D3. Otherwise active lanes will be based on value of LANE_COUNT_SET.
DisplayPort AUX snooping is enabled by default but can be disabled by changing the AUX_SNOOP_DISABLE
register. Once AUX snoop is disabled, management of TUSB1146 DisplayPort lanes are controlled through
various configuration registers. When TUSB1146 is enabled for GPIO mode (I2C_EN = "0"), the CAD_SNK pin
can be used to disable AUX snooping. When CAD_SNK pin is high, the AUX snooping functionality is disabled
and all four DisplayPort lanes will be active.
8.3.3 4-level Inputs
The TUSB1146 has (I2C_EN, EQ[1:0], DPEQ[1:0], and SSEQ[1:0]) 4-level inputs pins that are used to control
the equalization gain and place TUSB1146 into different modes of operation. These 4-level inputs utilize a
resistor divider to help set the 4 valid levels and provide a wider range of control settings. There is an internal
pull-up and pull-down resistors. These resistors, together with the external resistor connection combine to
achieve the desired voltage level.
Table 1. 4-Level Control Pin Settings
LEVEL
SETTINGS
0
Option 1: Tie 1 K
Ω 5% to GND.
Option 2: Tie directly to GND.
R
Tie 20 K
Ω 5% to GND.
F
Float (leave pin open)
1
Option 1: Tie 1 K
Ω 5%to VCC.
Option 2: Tie directly to VCC.
NOTE
All four-level inputs are latched after rising edge of the internal reset. After tcfg_hd, the
internal pull-up and pull-down resistors will be isolated in order to save power.
8.3.4 Receiver Linear Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference in
the system before the input of the TUSB1146. The receiver overcomes these losses by attenuating the low
frequency components of the signals with respect to the high frequency components. The proper gain setting
should be selected to match the channel insertion loss before the input of the TUSB1146 receivers. Two 4-level
inputs pins enable up to 16 possible equalization settings. USB3.1 upstream path, USB3.1 downstream path,
and DisplayPort each have their own two 4-level inputs. The TUSB1146 also provides the flexibility of adjusting
settings through I2C registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com