Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 10Page - Texas Instruments TUSB1146 Datasheet HTML 11Page - Texas Instruments TUSB1146 Datasheet HTML 12Page - Texas Instruments TUSB1146 Datasheet HTML 13Page - Texas Instruments TUSB1146 Datasheet HTML 14Page - Texas Instruments TUSB1146 Datasheet HTML 15Page - Texas Instruments TUSB1146 Datasheet HTML 16Page - Texas Instruments TUSB1146 Datasheet HTML 17Page - Texas Instruments TUSB1146 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
14
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 5. USB TX Linearity Curves at 5 GHz
Figure 6. USB RX Linearity Curves at 5 GHz
Figure 7. Input Return Loss Performance
Figure 8. Output Return Loss Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com