Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 37 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 33Page - Texas Instruments TUSB1146 Datasheet HTML 34Page - Texas Instruments TUSB1146 Datasheet HTML 35Page - Texas Instruments TUSB1146 Datasheet HTML 36Page - Texas Instruments TUSB1146 Datasheet HTML 37Page - Texas Instruments TUSB1146 Datasheet HTML 38Page - Texas Instruments TUSB1146 Datasheet HTML 39Page - Texas Instruments TUSB1146 Datasheet HTML 40Page - Texas Instruments TUSB1146 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
A6
A5
A4
A3
A2
A1
A0
0
S
C7
C6
C5
C4
C3
C2
C1
C0
A
Slave Address
A
Register Offset
Write
Ack
Start
P
Stop
37
TUSB1146
www.ti.com
SLLSFB2 – APRIL 2020
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
address and a one-value “W/R” bit to indicate a read cycle.
7. The TUSB1146 acknowledges the 7-bit address cycle.
8. The TUSB1146 transmit the contents of the memory registers MSB-first starting at the register offset.
9. The TUSB1146 shall wait for either an acknowledge (ACK) or a not-acknowledge (NACK) from the master
after each byte transfer; the I2C master acknowledges reception of each data byte transfer.
10. If an ACK is received, the TUSB1146 transmits the next byte of data as long as master provides the clock. If
a NAK is received, the TUSB1146 stops providing data and waits for a stop condition (P).
11. The master terminates the read operation by generating a stop condition (P).
Figure 32. I2C Write without data
The following procedure should be followed for setting a starting sub-address for I2C reads (refer to Figure 32).
1. The master initiates a write operation by generating a start condition (S), followed by the TUSB1146 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TUSB1146 acknowledges the address cycle.
3. The master presents the register offset within TUSB1146 to be written, consisting of one byte of data, MSB-
first.
4. The TUSB1146 acknowledges the register offset cycle.
5. The master terminates the write operation by generating a stop condition (P).
NOTE
After initial power-up, if no register offset is included for the read procedure (refer to
Figure 30), then reads start at register offset 00h and continue byte by byte through the
registers until the I2C master terminates the read operation. During a read operation, the
TUSB1146 auto-increments the I2C internal register address of the last byte transferred
independent of whether or not an ACK was received from the I2C master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com