Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 3Page - Texas Instruments TUSB1146 Datasheet HTML 4Page - Texas Instruments TUSB1146 Datasheet HTML 5Page - Texas Instruments TUSB1146 Datasheet HTML 6Page - Texas Instruments TUSB1146 Datasheet HTML 7Page - Texas Instruments TUSB1146 Datasheet HTML 8Page - Texas Instruments TUSB1146 Datasheet HTML 9Page - Texas Instruments TUSB1146 Datasheet HTML 10Page - Texas Instruments TUSB1146 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7
TUSB1146
www.ti.com
SLLSFB2 – APRIL 2020
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Control I/O DC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOL
Low-level output current
I2C_EN = 0; VOL = 0.4 V
20
mA
II(I2C)
Input current
0.1 x V(I2C) < Input voltage < 3.3 V
–1
1
µA
CI(I2C)
Input capacitance
10
pF
C(I2C_FM+_BUS)
I2C bus capacitance for FM+ (1MHz)
150
pF
C(I2C_FM_BUS)
I2C bus capacitance for FM (400kHz)
150
pF
R(EXT_I2C_FM+)
External resistors on both SDA and SCL
when operating at FM+ (1MHz)
C(I2C_FM+_BUS) = 150 pF
620
820
910
Ω
R(EXT_I2C_FM)
External resistors on both SDA and SCL
when operating at FM (400kHz)
C(I2C_FM_BUS) = 150 pF
620
1500
2200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com