Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 36Page - Texas Instruments TUSB1146 Datasheet HTML 37Page - Texas Instruments TUSB1146 Datasheet HTML 38Page - Texas Instruments TUSB1146 Datasheet HTML 39Page - Texas Instruments TUSB1146 Datasheet HTML 40Page - Texas Instruments TUSB1146 Datasheet HTML 41Page - Texas Instruments TUSB1146 Datasheet HTML 42Page - Texas Instruments TUSB1146 Datasheet HTML 43Page - Texas Instruments TUSB1146 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
40
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 14. DCI_TXEQ_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4-3
TX_DEEPHASIS
R/W
0x1
SSRX TX de-emphasis level (post-cursor)
0x0 = -1.5dB
0x1 = -2.1dB
0x2 = -3.2dB
0x3 = -3.8dB
2
TX_DEEPHASIS_EN
R/W
0x1
SSRX TX de-emphasis (post-cursor) enable. Valid only when
SSRX_LIMIT_ENABLE = 1.
0x0 = Disabled (0dB)
0x1 = Enabled
1-0
DCI_CTL
R/W
0x0
Controls whether or not DCI function is enabled by FSM or software.
0x0 = DCI controlled by FSM
0x1 = DCI enabled using RX1P/N
0x2 = DCI enabled using RX2P/N
0x3 = DCI disabled.
8.6.1.3 DP01EQ_SEL Register (Offset = 0x10) [reset = 0x0]
DP01EQ_SEL is shown in Table 15.
Return to the Summary Table.
This register controls the receiver equalization setting for the DisplayPort receivers 0 and 1.
Table 15. DP01EQ_SEL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
DP1EQ_SEL
RH/W
0x0
Field selects EQ for DP lane 1 pins. When EQ_OVERRIDE = 0b,
this field reflects the sampled state of DPEQ[1:0] pins. When
EQ_OVERRIDE = 1b, software can change the EQ setting for DP
Lane 1 based on value written to this field.
3-0
DP0EQ_SEL
RH/W
0x0
Field selects EQ for DP lane 0 pins. When EQ_OVERRIDE = 0b,
this field reflects the sampled state of DPEQ[1:0] pins. When
EQ_OVERRIDE = 1b, software can change the EQ setting for DP
Lane 0 based on value written to this field.
8.6.1.4 DP23EQ_SEL Register (Offset = 0x11) [reset = 0x0]
DP23EQ_SEL is shown in Table 16.
Return to the Summary Table.
This register controls the receiver equalization setting for the DisplayPort receivers 2 and 3.
Table 16. DP23EQ_SEL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
DP3EQ_SEL
RH/W
0x0
Field selects EQ for DP lane 3 pins. When EQ_OVERRIDE = 0b,
this field reflects the sampled state of DPEQ[1:0] pins. When
EQ_OVERRIDE = 1b, software can change the EQ setting for DP
Lane 3 based on value written to this field.
3-0
DP2EQ_SEL
RH/W
0x0
Field selects EQ for DP lane 2 pins. When EQ_OVERRIDE = 0b,
this field reflects the sampled state of DPEQ[1:0] pins. When
EQ_OVERRIDE = 1b, software can change the EQ setting for DP
Lane 2 based on value written to this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com