Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 42 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 38Page - Texas Instruments TUSB1146 Datasheet HTML 39Page - Texas Instruments TUSB1146 Datasheet HTML 40Page - Texas Instruments TUSB1146 Datasheet HTML 41Page - Texas Instruments TUSB1146 Datasheet HTML 42Page - Texas Instruments TUSB1146 Datasheet HTML 43Page - Texas Instruments TUSB1146 Datasheet HTML 44Page - Texas Instruments TUSB1146 Datasheet HTML 45Page - Texas Instruments TUSB1146 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
42
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 18. DisplayPort_2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
DP2_DISABLE
R/W
0x0
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 2. When AUX_SNOOP_DISABLE = 0b, changes
to this field will have no effect on lane 2 functionality.
0x0 = DP Lane 2 enabled.
0x1 = DP Lane 2 disabled.
1
DP1_DISABLE
R/W
0x0
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 1. When AUX_SNOOP_DISABLE = 0b, changes
to this field will have no effect on lane 1 functionality.
0x0 = DP Lane 1 enabled.
0x1 = DP Lane 1 disabled.
0
DP0_DISABLE
R/W
0x0
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 0. When AUX_SNOOP_DISABLE = 0b, changes
to this field will have no effect on lane 0 functionality.
0x0 = DP Lane 0 enabled.
0x1 = DP Lane 0 disabled.
8.6.1.7 AEQ_CONTROL1 Register (Offset = 0x1C) [reset = 0xF0]
AEQ_CONTROL1 is shown in Table 19.
Return to the Summary Table.
This register is used to enable adaptive EQ and select between Fast and Full adaptive EQ.
Table 19. AEQ_CONTROL1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
FULLAEQ_UPPER_EQ
R/W
0xF
Maximum EQ value to check for full AEQ mode
3
USB3_U1_DISABLE
R/W
0x0
This field when set will cause entry to U3 instead of U1 when
electrical idle is detected.
0x0 = U1 entry after electrical idle.
0x1 = U3 entry after electrical idle.
2-1
AEQ_MODE
R/W
0x0
Selects between Fast and 2 Full Adaption modes
0x0 = Fast AEQ.
0x1 = Full AEQ with hits counted at mideye for every EQ.
0x2 = Fast AEQ.
0x3 = Full AEQ with hits counted at mideye only for EQ equal 0.
0
AEQ_EN
R/W
0x0
Controls whether or not adaptive EQ for USB downstream facing
port is enabled.
0x0 = AEQ disabled
0x1 = AEQ enabled
8.6.1.8 AEQ_CONTROL2 Register (Offset = 0x1D) [reset = 0x20]
AEQ_CONTROL2 is shown in Table 20.
Return to the Summary Table.
This register allows for controls for the Fast AEQ limits as well as adding or reducing final EQ value used by the
Full AEQ function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com