Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 45 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 41Page - Texas Instruments TUSB1146 Datasheet HTML 42Page - Texas Instruments TUSB1146 Datasheet HTML 43Page - Texas Instruments TUSB1146 Datasheet HTML 44Page - Texas Instruments TUSB1146 Datasheet HTML 45Page - Texas Instruments TUSB1146 Datasheet HTML 46Page - Texas Instruments TUSB1146 Datasheet HTML 47Page - Texas Instruments TUSB1146 Datasheet HTML 48Page - Texas Instruments TUSB1146 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
45
TUSB1146
www.ti.com
SLLSFB2 – APRIL 2020
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 24. USB3_MISC Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
DISABLE_U2U3_RXDET
R/W
0x0
Controls whether or not Rx.Detect is performed in U2/U3 state.
0x0 = Rx.Detect in U2/U3 enabled.
0x1 = Rx.Detect in U2/U3 disabled.
3-2
DFP_RXDET_INTERVAL
R/W
0x1
This field controls the Rx.Detect interval for the downstream facing
port (TX1P/N and TX2P/N).
0x0 = 4ms
0x1 = 6ms
0x2 = 36ms
0x3 = 84ms
1
DIS_WARM_RESET_RX
D
R/W
0x0
Disables receiver detection following warm reset if device starts
polling during warm reset..
0x0 = whether receiver detection is done following warm reset
depends on other settings.
0x1 = if USB FSM detects that device started polling during
warm reset, it will not do receiver detection.
0
USB_COMPLIANCE_CTR
L
R/W
0x0
Controls whether compliance mode detection is determined by FSM
or disabled
0x0 = Compliance mode determined by FSM.
0x1 = Compliance mode disabled.
8.6.1.13 USB_STATUS Register (Offset = 0x24) [reset = 0x41]
USB_STATUS is shown in Table 25.
Return to the Summary Table.
Table 25. USB_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
USB_FASTAEQ_STAT
RH
0x0
When AEQ_EN = 1 and AEQ_MODE = x0, this status field indicates
whether short or long EQ setting is used. When AEQ_EN = 0, this
field will always default to 0h.
0x0 = Short channel EQ used.
0x1 = Long channel EQ used.
6
USB_AEQDONE_STAT
RH
0x1
This field is low while AEQ is active and high when it is done. It is
valid when U0_STAT and AEQ_EN = 1 or when FORCE_AEQ_EN =
1 and HW has reset FORCE_AEQ back to 0.
0x0 = AEQ is running
0x1 = AEQ is done
5
AEQ_HC_OVERFLOW
RH
0x0
13-bit AEQ hit counter overflow status
4
RESERVED
R
0x0
Reserved
3
CM_ACTIVE
RH
0x0
Compliance mode status.
0x0 = Not in USB3.1 compliance mode.
0x1 = In USB3.1 compliance mode.
2
U0_STAT
RH
0x0
U0 Status. Set if enters U0 state.
1
U2U3_STAT
RH
0x0
U2/U3 Status. Set if enters U2/U3 state.
0
DISC_STAT
RH
0x1
Disconnect Status. Set if enters Disconnect state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com