Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 48 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 44Page - Texas Instruments TUSB1146 Datasheet HTML 45Page - Texas Instruments TUSB1146 Datasheet HTML 46Page - Texas Instruments TUSB1146 Datasheet HTML 47Page - Texas Instruments TUSB1146 Datasheet HTML 48Page - Texas Instruments TUSB1146 Datasheet HTML 49Page - Texas Instruments TUSB1146 Datasheet HTML 50Page - Texas Instruments TUSB1146 Datasheet HTML 51Page - Texas Instruments TUSB1146 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
48
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, use the parameters shown in Table 28.
Table 28. Design Parameters
PARAMETER
VALUE
10Gbps USB3.1 pre-channel A to B PCB trace length, XAB.
Refer to Figure 33.
2 inches <= XAB <= 12 inches - [MAX
(XEF or XGH)]
10Gbps DP pre-channel C to D PCB trace length, XCD. Refer to
Figure 33.
4 inches <= XCD <= 14 inches - [MAX
(XEF or XGH)]
10Gbps USB and DP post channel E to F PCB trace length,
XEF. Refer to Figure 33.
up to 4 inches
10Gbps USB and DP post channel G to H PCB trace length,
XGH. Refer to Figure 33.
up to 4 inches
Minimum distance of the AC capacitors from TUSB1146, LAC-
CAP
0.4 inches
Maximum distance of ESD component from the USB-C
receptacle, LESD
0.5 inches
Maximum distance of series resistor (RESD) from ESD
component, LR_ESD.
0.25 inches
DCI Support (Y/N)
Yes
CAC-USB1 AC-coupling capacitor (75 nF to 265 nF)
220 nF
CAC-USB2 AC-coupling
capacitor (297 nF to 363 nF)
DCI Supported
No AC capacitor. RX1 and RX2 must
be DC coupled to USB-C receptacle.
DCI Not Supported
Options:
•
RX1 and RX2 are DC coupled to
USB-C receptacle
•
330nF AC couple with RRX resistor
•
330nF
AC
couple
without
RRX
resistor
Optional RRX resistor (220kΩ +/- 5%)
No used
CAC-DP AC-coupling capacitor (75 nF to 265 nF)
220 nF
RESD (0 ohms to 2.2 ohms)
1 ohm
VCC supply (3 V to 3.6 V)
3.3 V
I2C Mode or GPIO Mode
I2C Mode. (I2C_EN pin != "0")
1.8V or 3.3V I2C Interface
3.3V I2C. Pull-up the I2C_EN pin to
3.3V with a 1K ohm resistor.
9.2.2 Detailed Design Procedure
A typical usage of the TUSB1146 device is shown in Figure 34. The device can be controlled either through its
GPIO pins or through its I2C interface. In the example shown below, a Type-C PD controller is used to configure
the device through the I2C interface. When configured for I2C mode and system does not support DCI, pins 29
and 32 can be left unconnected. If DCI is supported in the system, then connect through a 22-ohm resistor
DCI_CLK and DCI_DAT to appropriate PCH GPIO pins. In I2C mode, the equalization settings for each receiver
can be independently controlled through I2C registers. For this reason, all of the equalization pins (EQ[1:0],
SSEQ[1:0], and DPEQ[1:0]) can be left unconnected. If these pins are left unconnected, the TUSB1146 7-bit I2C
slave address will be 0x12 because both DPEQ0/A1 and SSEQ0/A0 will be at pin level "F". If a different I2C
slave address is desired, DPEQ0/A1 and SSEQ0/A0 pins should be set to a level which produces the desired
I2C slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com