Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 29 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 25Page - Texas Instruments TUSB1146 Datasheet HTML 26Page - Texas Instruments TUSB1146 Datasheet HTML 27Page - Texas Instruments TUSB1146 Datasheet HTML 28Page - Texas Instruments TUSB1146 Datasheet HTML 29Page - Texas Instruments TUSB1146 Datasheet HTML 30Page - Texas Instruments TUSB1146 Datasheet HTML 31Page - Texas Instruments TUSB1146 Datasheet HTML 32Page - Texas Instruments TUSB1146 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
29
TUSB1146
www.ti.com
SLLSFB2 – APRIL 2020
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 9. DisplayPort Receiver (DP[3:0] pins) Equalization Control
Register(s): DP0EQ_SEL,
DP1EQ_SEL,
DP2EQ_SEL, or DP3EQ_SEL
Equalization Setting #
DPEQ1 PIN LEVEL
DPEQ0 PIN LEVEL
EQ Gain at 4.05 GHz minus
Gain at 100MHz
(dB)
0
0
0
0.8
1
0
R
1.3
2
0
F
2.8
3
0
1
4.1
4
R
0
5.8
5
R
R
6.2
6
R
F
7.1
7
R
1
7.9
8
F
0
8.6
9
F
R
9.2
10
F
F
9.8
11
F
1
10.3
12
1
0
10.7
13
1
R
11.2
14
1
F
11.5
15
1
1
12
8.4.5 VOD modes
The TUSB1146 provides two modes for VOD (voltage output differential) control: Linearity VOD and Limited
VOD. The TUSB1146 defaults linearity VOD mode but can be changed to limited VOD mode thru I2C register.
8.4.5.1 Linearity VOD
Linearity VOD defines the linearity range of the TUSB1146. When TUSB1146 is in linear VOD mode, the output
VOD is a linear function of the input VID. For example, if the signal at TUSB1146's input (VID) is at 600mVpp
then the TUSB1146's output VOD will be around 600mVpp. The linear VOD mode is the only mode available for
the downstream paths (DisplayPort and USB). The upstream path (USB only) supports both linear and limited
VOD. Linearity VOD mode is the default operation of the TUSB1146. The TUSB1146 provides four different
linearity VOD settings. All four settings are available in I2C mode thru register control.
8.4.5.2 Limited VOD
Limited VOD mode is used to set the actual VOD level and is used when TUSB1146 is configured in limited
redriver mode. In this mode the VOD is no longer a linear function of the input VID. For example, if the signal at
TUSB1146's input (VID) is at 600mVpp then the TUSB1146's output VOD will be around 1000mVpp (assuming
LINR_L3 is selected). The limited redriver mode is only supported in the upstream direction (RX1 -> SSRX and
RX2 -> SSRX). The downstream paths will always operate in linear redriver mode. Limited redriver mode can be
enabled by I2C register. This mode is not supported in GPIO mode. The TUSB1146 provides four different limited
VOD settings. All four settings are available through register control.
8.4.6 Transmit Equalization
The TUSB1146 in limited redriver mode offers both SSRX transmitter pre-shoot and de-emphasis controls. The
TUSB1146 offers four pre-shoot levels and four de-emphasis levels. These levels can be changed by modifying
I2C registers. Pre-shoot is enabled when SSRX_LIMIT_ENABLE bit = 1 and TX_PRESHOOT_EN bit= 1. De-
emphasis is enabled when SSRX_LIMIT_ENABLE bit = 1 and TX_DEEPHASIS_EN = 1.
8.4.7 USB3.1 Modes
The TUSB1146 monitors the physical layer conditions like receiver termination, electrical idle, LFPS, and
SuperSpeed signaling rate to determine the state of the USB3.1 interface. Depending on the state of the USB
3.1 interface, the TUSB1146 can be in one of four primary modes of operation when USB 3.1 is enabled (CTL0 =
H or CTLSEL0 = 1b1): Disconnect, U2/U3, U1, and U0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com