Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 7Page - Texas Instruments TUSB1146 Datasheet HTML 8Page - Texas Instruments TUSB1146 Datasheet HTML 9Page - Texas Instruments TUSB1146 Datasheet HTML 10Page - Texas Instruments TUSB1146 Datasheet HTML 11Page - Texas Instruments TUSB1146 Datasheet HTML 12Page - Texas Instruments TUSB1146 Datasheet HTML 13Page - Texas Instruments TUSB1146 Datasheet HTML 14Page - Texas Instruments TUSB1146 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
11
TUSB1146
www.ti.com
SLLSFB2 – APRIL 2020
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.8 DCI Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DCI_CLK and DCI_DAT LVCMOS Outputs
VOL
Low-Level output voltage
VCC = 3 V; IOL = 2 mA; CL = 10 pF
0.45
V
VOH
High-Level output voltage
VCC = 3 V; IOL = –2 mA;
2.4
V
RDCI
Output characteristic impedance
21
25
33
Ω
tPERIOD
DCI Clock period
Measured at 50%
7.52
ns
tVALID
Rising edge of DCI clock to DCI data
valid
1
ns
tDCI_RISE
DCI output rise time
Measured at 20% to 80%.
350
ps
tDCI_FALL
DCI output fall time
Measured at 80% to 20%
350
ps
(1)
Following pins comprise CFG pins: I2C_EN, EQ[1:0], SSEQ[1:0], and DPEQ[1:0].
(2)
Recommend CFG pins are stable when VCC is at min.
6.9 Timing Requirements
MIN
NOM
MAX
UNIT
USB3.1
tIDLEEntry
Delay from U0 to electrical idle
Refer to Figure 20.
10
ns
tIDELExit_U1
U1 exist time: break in electrical idle to the
transmission of LFPS
Refer to Figure 20.
6
ns
tIDLEExit_U2U3
U2/U3 exit time: break in electrical idle to
transmission of LFPS
Refer to Figure 20.
10
µs
tRXDET_INTVL
RX detect interval while in Disconnect
12
ms
tIDLEExit_DISC
Disconnect Exit Time
10
µs
tExit_SHTDN
Shutdown Exit Time
1
ms
tAEQ_FULL_DONE
Maximum time to obtain optimum EQ setting
when operating in Full AEQ mode.
300
µs
tAEQ_FAST_DONE
Maximum time to determine appropriate EQ
setting when operating in Fast AEQ mode.
60
µs
tDIFF_DLY
Differential Propagation Delay
Refer to Figure 19.
300
ps
tR, tF
Output Rise/Fall time
20%-80% of differential voltage
measured 1.7 inch from the
output pin; Refer to Figure 21.
40
ps
tRF_MM
Output Rise/Fall time mismatch
20%-80% of differential voltage
measured 1.7 inch from the
output pin
2.6
ps
Power-up
tD_PG
VCC(min) to internal Power Good asserted high
Refer to Figure 27
25
ms
tCFG_SU
CFG(1) pins setup(2)
Refer to Figure 27
250
µs
tCFG_HD
CFG(1) pins hold
Refer to Figure 27
10
µs
tCTL_DB
CTL[1:0] and FLIP pin debounce
Refer to Figure 27
16
ms
6.10 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUXp or AUXn and SBU1 or SBU2
tAUX_PD
Switch propagation delay
400
ps
tAUX_SW_OFF
Switching time CTL1 to switch OFF.
Not including TCTL1_DEBOUNCE.
Refer to Figure 23.
500
ns
tAUX_SW_ON
Switching time CTL1 to switch ON
Refer to Figure 22.
500
ns
tAUX_INTRA
Intra-pair output skew
100
ps
USB3.1 and DisplayPort Mode Transition Requirement GPIO Mode
tGP_USB_4DP
Min overlap of CTL0 and CTL1 when
transitioning from USB 3.1 only mode
to 4-Lane DisplayPort mode or vice
versa.
I2C_EN = 0; Refer to Figure 18.
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com