Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 8Page - Texas Instruments TUSB1146 Datasheet HTML 9Page - Texas Instruments TUSB1146 Datasheet HTML 10Page - Texas Instruments TUSB1146 Datasheet HTML 11Page - Texas Instruments TUSB1146 Datasheet HTML 12Page - Texas Instruments TUSB1146 Datasheet HTML 13Page - Texas Instruments TUSB1146 Datasheet HTML 14Page - Texas Instruments TUSB1146 Datasheet HTML 15Page - Texas Instruments TUSB1146 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
12
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Switching Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CTL1 and HPDIN
tCTL1_DEBOUNCE
CTL1 and HPDIN debounce time
when transitioning from H to L.
2
10
ms
I2C
fSCL
I2C clock frequency
1
MHz
tBUF
Bus free time between START and
STOP conditions
Refer to Figure 17
0.5
µs
tHDSTA
Hold time after repeated START
condition. After this period, the first
clock pulse is generated
Refer to Figure 17
0.26
µs
tLOW
Low period of the I2C clock
Refer to Figure 17
0.5
µs
tHIGH
High period of the I2C clock
Refer to Figure 17
0.26
µs
tSUSTA
Setup time for a repeated START
condition
Refer to Figure 17
0.26
µs
tHDDAT
Data hold time
Refer to Figure 17
0
µs
tSUDAT
Data setup time
Refer to Figure 17
50
ns
tR
Rise time of both SDA and SCL
signals
Refer to Figure 17
120
ns
tF
Fall time of both SDA and SCL
signals
Refer to Figure 17
20 × (V(I2C)/5.5 V)
120
ns
tSUSTO
Setup time for STOP condition
Refer to Figure 17
0.26
µs
Cb
Capacitive load for each bus line
150
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com