Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH8065 Datasheet HTML 1Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 2Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 3Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 5 of 40
3901008065
May 2006
Rev 003
2. Electrical Specification
All voltages are referenced to ground (GND). Positive currents flow into the IC.
The absolute maximum ratings (in accordance with IEC 134) given in the table below are limiting values that
do not lead to a permanent damage of the device but exceeding any of these limits may do so. Long term
exposure to limiting values may affect the reliability of the device. Correct operating of the device cannot be
guaranteed if any of these limits are exceeded.
2.1 Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply voltage
VSUP
6
18
V
Output voltage
VCC
4.85
5.15
V
Operating ambient temperature
TA
-40
+125
°C
Junction temperature
TJ
+150
°C
2.2 Absolute Maximum Ratings
Parameter
Symbol
Condition
Min
Max
Unit
-1.0
18
T
≤ 300 s
-
30
Supply voltage at VSUP
VSUP
T
≤ 500 ms
-
40
V
-24
30
Input voltage at pin BUS
VBUS
T
≤ 500 ms
-
40
V
Difference VSUP-VCC
VSUP-VCC
-0.3
40
V
Input voltage at pin EN
VINEN
-0.3
VSUP+0.3
V
Input voltage at pin TxD, RxD, RESET, WDI, CWD
VIN
-0.3
VCC+0.3
V
Input current at pin EN, TxD, RxD, RESET, WDI,
CWD
IIN
-25
25
mA
Input current for short circuit of pin VSUP and VCC
IINSH
-500
500
mA
ESD Capability on pin BUS, VBAT, GND
ESDBUSHB
Human body Model, 100pF
via 1.5k
Ω
-4
4
kV
ESD Capability on pin TxD, RxD, EN, RESET, WDI,
CWD, VCC
ESDBUSHB
Human body Model, 100pF
via 1.5k
Ω
-2
2
kV
Power dissipation
P0
Internal limited [1]
Thermal resistance from junction to ambient
(SOIC14fused) [2]
RTHJA
70
K/W
Junction temperature [3]
TJ
150
°C
Storage temperature
TSTG
-55
150
°C
[1]
See chapter 4.1 Safe Operating Area
[2]
SOIC14 with fused lead frame and an active copper area of >150sqmm
[3]
See chapter 3.5 Overtemperature Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com