Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 13Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 14Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 11 of 40
3901008065
May 2006
Rev 003
2.5 Timing Diagrams
TxD
BUS
tdf_TXD
RxD
VBUS
95%
50%
tdr_TXD
5%
50%
tdf_RXD
tdr_RXD
100%
0%
50%
50%
Figure 2 - Timing diagram for propagation delays
TxD
BUS
VSUP
58.1%
(61.6%)
28.4%
(25.1%)
100%
74.4%
(77.8%)
42.2%
(38.9%)
tdom(max)
tdom(min)
trec(min)
trec(max)
0%
VSS
58.1%
(61.6%)
28.4%
(25.1%)
tBit
tBit
Remark:
The levels for low slope mode are shown in brackets
tx_dom_max
tx_dom_min
tx_rec_max
tx_rec_min
Figure 3 - Timing diagram for duty cycle acc. to LIN 2.0 and J2602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com