Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 29 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 29 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 25Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 26Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 27Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 28Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 29Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 30Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 31Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 32Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 33Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 29 of 40
3901008065
May 2006
Rev 003
Tantalum Capacitors
This type of capacitor has a low dependence of the capacitance and the ESR from the temperature and is
therefore well suited as VCC load capacitor.
Aluminium Capacitors
These capacitors show a strong influence of the capacitance and the ESR from the temperature. This
characteristic restrains the usability as load capacitor for the low drop regulator of TH8065.
4.3 Application Circuitry
VBAT
220p
100n
100
μ
+5V
10
μ...100μ
MCU
LIN-BUS
CWD
CIN
TH8065
GND
VSUP
EN
GND
GND
VCC
TxD
RESET
BUS
CWD
GND
RxD
GND
WDI
100n
RST
Figure 21 - Application circuit (slave node)
4.4 EMI Supressing
To minimize the influence of EMI on the bus line a 220pF capacitor should be connected directly to the BUS
pin (see Figure 21). This EMI-Filter makes sure that the RF injections into the IC from the BUS line have no
affect resp. will be limited.
Alternatively to a pure C-filter it is also possible to use LC- or RC-filter. The dimension of C, L or R, L
depends on the corner frequency, the maximum LIN bus capacitance (10nF) and the compliance with the
DC- and AC LIN bus parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com