Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 31 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 31 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 27Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 28Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 29Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 30Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 31Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 32Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 33Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 34Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 35Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 31 of 40
3901008065
May 2006
Rev 003
5. Operating during Disturbance
5.1 Operating without VSUP or GND
The absence of VSUP or GND connection will not influence or disturb the communication between other bus
nodes. No reverse supply of the IC can appear if without GND or VSUP connection the BUS pin is on VBAT
level.
5.2 Short Circuit BUS against VBAT
The reaction of the IC depends on the send state of the transceiver:
-
Recessive
LIN bus is blocked, no influence to the TH8065
-
Dominant
Current limitation, thermal shut down of TH8065 if power dissipation will make an
overrun of TJ
5.3 Short Circuit BUS against GND
LIN bus is blocked. No influence on the TH8065.
5.4 Short Circuit TxD against GND
The LIN transceiver is permanently in the dominant state, which means the whole LIN bus. This state can
only be detected from the LIN controller. In this case the controller must switch off the LIN node via the EN
input of the TH8065. A thermal shut down of TH8065 will appear if the power dissipation will make an
overrun of TJ.
5.5 TxD open
The internal pull-up resistor forces the LIN node to the recessive state. The communication between the
other bus-nodes will not be disturbed.
5.6 Short Circuit VCC against GND
The VCC pin is protected via a current limitation. This state is comparable with the behaviour in the sleep
mode.
5.7 Overload of VCC
Thermal switch off
The power dissipation is increasing if the load current is between IVCC_max and ILVCC. If the max junction
temperature of >155°C is reached, the IC will be switched off. The voltage regulator will also be switched off
and a reset signal is forced.
Over current
If the current limitation is active the voltage on VCC drops down. If this voltage under-runs the threshold
VRES, a reset will be forced.
5.8 Undervoltage VCC
The reset unit ensures the correct behaviour of the driver during under-voltage. The BUS pin generates the
recessive state if VCC < VMRes (3.15V). The inputs EN, WDI and TxD have pull-up or pull-down characteristics.
If VCC ≥ VMRes the TxD signal is transmitted to the bus. The receive mode is also active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com