Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 8 of 40
3901008065
May 2006
Rev 003
2.3.2. LIN Bus Interface
Parameter
Symbol
Condition
Min
Typ
Max
Unit T[1]
General
Pull up current BUS (recessive)
IINBUSpu
VBUS = 18 V, VSUP = 6V
20
μA A
Pull up resistor BUS
RBUSpu
VSUP = 12V, VBUS = 0V
20
30
47
k
Ω A
Reverse current BUS (recessive)
-IINBUSrev VSUP = 12V, VBUS = 0V
-1
mA A
Reverse current BUS (loss of battery)
IINBUS_lob VSUP = 0V, 0V ≤ VBUS ≤ 18V
20
µA A
Reverse current BUS (loss of ground)
IINBUS_log VSUP= 12V, 0V ≤ VBUS ≤ 18V
-1
1
mA A
Receiver
Receive threshold
Vthr_rec,
Vthr_dom
0.4
0.6
A
Centre point of receive threshold
Vthr_cnt = (Vthr_rec+Vthr_dom)/2
Vthr_cnt
0.475
0.5
0.525
A
Hysteresis of receive threshold
Vthr_hys = Vthr_rec-Vthr_dom
Vthr_hys
7.0 V
≤ VSUP ≤ 18 V
0.15
0.175
VSUP
A
Transmitter
Output voltage BUS (dominant)
VBUSdom_1 IBUS = 40mA
1.2
V
A
Current limitation BUS
ILIM
VBUS = VSUP, TxD = 0V
41
120
200
mA A
Input TxD
Pull-up resistor
Rpu_TxD
VIN = 0V
9.5
15
21
k
Ω A
Input voltage low TxD
VIL
0.3
VCC A
Input voltage high TxD
VIH
0.7
VCC A
Output RxD
Output voltage Low RxD
VOL
IOUT = 1 mA
0.8
V
A
Output voltage High RxD
VOH
IOUT = -1 mA
VCC - 0.8
V
A
[1]
A = 100% serial test, B = Operating parameter, C = only used for data characterization (cpk), D = Value guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com