Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH8065 Datasheet HTML 1Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 2Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 3Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 1 of 40
3901008065
May 2006
Rev 003
Features
o Compatible to LIN Specification 2.0 and SAE J2602
o Operating voltage VS = 6 ... 18 V
o Low standby current consumption of typ. 15 μA in sleep mode
“noload” current < 200µA
o Linear low drop voltage regulator 5V/70mA ±2%
Output current limitation
o LIN-Bus Transceiver
Compatible to ISO9141 functions
Baud rate up to 20 kBaud
Slew rate control for best EME behavior
Low slew mode for optimized SAE J2602 transmission
High EMI immunity
High signal symmetry for using in RC – based slave nodes up to 2% clock tolerance
Current limitation
o Wake-up via LIN bus traffic
o Reset output (default 8ms/4.65V)
Reset time adjustable to 4ms, 15ms and 30ms during IC final test
o Analogue Watchdog with programmable time constant via external capacity
o Over temperature shutdown
o Automotive temperature range of –40°C to 125°C
o CMOS compatible interface to microcontroller
o Load dump protected (40V)
o Small SOIC14 package with fused lead frame for low Rth value
Ordering Information
Part No.
Temperature Range
Package
Version
POR time
TH8065 KDC AA
K (-40 to 125 °C)
DC (SOIC14NB)
A
A (8ms)
On Request
TH8065 KDC AB
K (-40 to 125 °C)
DC (SOIC14NB)
A
B (4ms)
TH8065 KDC AC
K (-40 to 125 °C)
DC (SOIC14NB)
A
C (30ms)
TH8065 KDC AD
K (-40 to 125 °C)
DC (SOIC14NB)
A
D (15ms)
General Description
The TH8065 consists of a low-drop voltage regulator 5V/70mA combined with a Reset/Watchdog unit and a
LIN bus transceiver. The LIN transceiver is suitable for LIN bus systems conform to LIN specification revision
2.0 and SAE J2602.
The combination of voltage regulator and bus transceiver makes it possible to develop simple, but powerful
and cheap slave nodes in LIN Bus systems.


Similar Part No. - TH8065

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
TH8061KDCA MELEXIS-TH8061KDCA Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
TH8062KDCAA MELEXIS-TH8062KDCAA Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
TH8062KDCAB MELEXIS-TH8062KDCAB Datasheet
704Kb / 38P
Voltage Regulator with LIN Transceiver
More results

Similar Description - TH8065

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
LIN Transceiver with 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
LIN Transceiver with 5V Regulator and Watchdog
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
LIN transceiver with voltage regulator and watchdog
logo
ATMEL Corporation
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6622 ATMEL-ATA6622 Datasheet
494Kb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
LIN Transceiver with 5V Regulator and Watchdog
ATA6624C-PGQW ATMEL-ATA6624C-PGQW Datasheet
2Mb / 29P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com