Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 3Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 7 of 40
3901008065
May 2006
Rev 003
Parameter
Symbol
Condition
Min
Typ
Max
Unit T[1]
Reset threshold - POR
VRES(ON)
VCC ramp up, t > trr
4.4
4.6
4.8
V
A
Reset threshold – low voltage reset
VRES(OFF)
VCC ramp down, t > trr
4.4
4.6
4.8
V
A
Vres Hysteresis
VRESHYS = |VRES(ON) – VRES(OFF)|
VRESHYS
150
mV A
Master reset threshold
VMRES
3.0
3.15
3.3
V
D
Enable Input EN
Input voltage low
VENL
-0.3
0.8
V
A
Input voltage high
VENH
2.0
VSUP +0.3
V
A
Hysteresis
VENHYS
50
300
mV A
Pull-down resistor EN low
RpdENL
0V
≤ VEN ≤ 0.8V
14
25
35
k
Ω A
Pull-down current EN high
IpdENH
VEN ≥ VENL
0.5
2
10
µA A
Output RESET
Output voltage low
VOL1_RESET IOUT = 1 mA, VSUP ≥ 6 V
0.8
V
A
Pull-up current
Ipu
-500
-375
-250
μA A
Input CWD
Input threshold low
VCWDL
0.076
0.08
0.084
VCC A
Input threshold high
VCWDH
0.342
0.36
0.378
VCC A
Pull up current (charge current)
ICWD_pu
VIN = 1V
7.6
13.9
20.2
µA A
Pull down current (discharge current)
ICWD_pd
VIN = 1V
0.76
1.39
2.02
µA A
Input WDI
Pull down resistor
Rpd_WDI
VIN = VCC
35
50
73
k
Ω A
Input voltage low
VIL_WDI
0.3
VCC A
Input voltage high
VIH_WDI
0.7
VCC A
Thermal Protection
Thermal shutdown
TJSHD
155
180
°C
D
Thermal recovery
TJREC
126
°C
D
[1]
A = 100% serial test, B = Operating parameter, C = Only used for data characterization (cpk), D = Value guaranteed by design
[2]
No active watchdog reset
[3]
The nominal VCC voltage is measured at VSUP =12V. If the VCC voltage is 100mV below its nominal value then the voltage drop is
VD = VSUP – VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com