Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 23 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 23 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 19Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 20Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 21Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 22Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 23Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 24Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 25Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 26Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 27Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 23 of 40
3901008065
May 2006
Rev 003
WDI
RESET
tWD_per
tWD_R
CWD
VCWDH
VCWDL
tWDt_R
VCWDM
WDI = High or Low
Figure 14 - Watchdog timing
The reset output will be switched from high to low (watchdog reset), if the voltage on pin CWD reaches
VCWDL. The reset output stays at low level until the voltage at CWD has reached the level of VCWDH.
The RESET pin generates a periodic signal with low pulse width of tWD_R and a period of tWD_per, if no
retrigger of WDI takes place.
Calculation of Watchdog time
Watchdog reset time:
()
pu
CWD
WD
CWDL
CWDH
R
WD
I
C
V
V
t
_
_
∗
−
=
Max. watchdog reset trigger time
()
pd
CWD
WD
CWDL
CWDH
R
WDt
I
C
V
V
t
_
_
∗
−
=
CWD
Watchdog capacity connected to pin CWD
VCWDH Upper watchdog threshold
VCWDL Lower watchdog threshold
ICWD_pu CWD charge current
ICWD_pd CWD discharge current
With the valid charge and discharge currents of CWD of the TH8065 is a simple calculation of the capacity
values for a defined watchdog trigger time and reset time possible:
[]
[ ]
[]
[ ]
nF
C
ms
t
nF
C
ms
t
WD
R
WD
WD
R
WDt
∗
=
=
1
.
0
_
_
Example:
ms
t
and
ms
t
nF
C
R
WD
R
WDt
WD
1
10
10
_
_
=
=
→
=
Within a timeframe of 10ms the MCU has to reset the watchdog to prevent a reset generation. The
complete watchdog period tWD_per = 11ms.
If the watchdog has to be deactivated for e.g. firmware development, the pin CWD has to be directly
connected to GND. The reset signal is in this case only determined by the reset thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com