Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 12Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 13Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 14Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 15Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 16Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 12 of 40
3901008065
May 2006
Rev 003
VCC
EN
tpdEN_sleep
5V
4.5V
0.5V
tpdEN_norm
0V
0.8V
2.0V
TxD
50%
tset_TxD_LS
thold_TxD_LS
2V
Normal Mode
Sleep Mode
Ini-Phase
Normal Mode
Low Slew
Figure 4 - Timing Diagram for EN mode selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com