Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 32 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 32 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 28Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 29Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 30Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 31Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 32Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 33Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 34Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 35Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 36Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 32 of 40
3901008065
May 2006
Rev 003
5.9 Undervoltage VSUP
The combination of dynamic power on reset and low voltage reset guarantees a defined start up behaviour.
If the supply voltage VSUP drops below 3V the low voltage detection becomes active. If the VSUP voltage
rises again above 3.5V the low voltage reset will be terminated and the 5V voltage regulator will be started.
5.10 Short circuit RxD, RESET against GND or VCC
Both outputs are short circuit proof to VCC and ground.
5.11 Short circuit CWD against GND or VCC
The watchdog is deactivated if CWD is short circuit against GND. The reset signal is in this case only
determined by the thresholds.
If WDI is short circuit against VCC the reset pin outputs a permanent low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com