Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 30 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 30 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 26Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 27Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 28Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 29Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 30Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 31Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 32Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 33Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 34Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 30 of 40
3901008065
May 2006
Rev 003
4.5 Connection to Flash-MCU
While programming a flash MCU the TH8065 should be disconnected from the MCU. This can be done via
disconnecting the supply voltage from the TH8065 or by switching off with the EN pin. The reverse current
supply of the IC via the RxD pin, if the connected MCU pin is used as normal signal input and programming
input, must be inhibited via a decoupling diode. In this case the MCU must be supplied via the programming
interface.
RxD
MCU
Prog.-Data
Vhigh_RxD >= 4.7V at VCC = 5V
Vlow_RxD = 0.8V
VCC
RESET
TxD
10u...47u
47n...100n
0.7V
Vhigh = 4V at VCC = 5V
TH8065
Figure 22 – Example circuitry for connection of RxD to MCU for flash programming
The programming of the Flash is also possible via the LIN pin, if the MCU supports this kind of flash mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com