Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 18 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 18 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 14Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 15Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 16Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 17Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 18Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 19Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 20Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 21Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 22Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 18 of 40
3901008065
May 2006
Rev 003
Slew Modes and Data rates
The TH8065 is a constant slew rate transceiver which means that the bus driver works with a mode
depended slew rate. In normal mode the slew rate is typical 1.6 V/µs and in low slew mode typical 0.8 V/µs.
The lower slew rate in low slew mode associated with a baud rate of 10.4kbit/s improves the EME behaviour.
The LIN transceiver of TH8065 is compatible to the physical layer specification according to LIN 2.0
specification for data rates up to 20kbit/s and the SAE specification J2602 for data rates up to 10.4kbit/s.
The constant slew rate principle is very robust against voltage drops and can operate with RC- oscillator
systems with a clock tolerance up to ±2% between 2 nodes.
Low Slew Mode
In this mode the slew rate is switched from the normal value of typ. 1.6V/µs to a low value of typ. 0.8V/µs.
This mode is optimized to send with a maximum baud rate of 10.4kbit/s (acc. to SAE J2602). Because of this
reduction of the slew rate the EME behaviour is improved especially in the frequency range of 100 kHz to
10MHz.
Input TxD
The 5V input TxD controls directly the BUS level:
TxD = low
->
BUS = low (dominant level)
TxD = high
->
BUS = high (recessive level)
The TxD pin has an internal pull up resistor connected to VCC. This guarantees that an open TxD pin
generates a recessive BUS level.
VCC
RC-Filter
(10ns)
IPU_TXD
VCC
RPU_TXD
Typ.
15k
TH8065
MCU
TxD
Figure 8 - TxD input circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com