Electronic Components Datasheet Search
  English  ▼

X  

TH8065 Datasheet(PDF) 33 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 33 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 29Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 30Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 31Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 32Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 33Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 34Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 35Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 36Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 37Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 33 of 40
3901008065
May 2006
Rev 003
6. PIN Description
TH8065
SOIC14
2
EN
RESET
BUS
GND
RxD
TxD
13
12
11
10
5
3
4
VSUP
VCC
1
14
GND
GND
9
8
WDI
GND
6
7
CWD
GND
Pin
Name
IO-Typ
Description
1
GND
P
Ground
2
VSUP
P
Supply voltage
3
EN
I
Enable input voltage regulator, HV-pull-down-input, High-active
4
GND
P
Ground
5
BUS
I/O
LIN bus line
6
CWD
I/O
Watchdog capacity
7
GND
P
Ground
8
GND
P
Ground
9
WDI
I
Watchdog trigger input, pull down
10
RxD
O
Receive output, 5V-push-pull
11
TxD
I
5V-Transmit input, pull-up-input
12
RESET
O
Reset 5V-output, active low
13
VCC
O
Regulator output 5V/70mA
14
GND
P
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com