Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 12Page - NXP Semiconductors LPC3250 Datasheet HTML 13Page - NXP Semiconductors LPC3250 Datasheet HTML 14Page - NXP Semiconductors LPC3250 Datasheet HTML 15Page - NXP Semiconductors LPC3250 Datasheet HTML 16Page - NXP Semiconductors LPC3250 Datasheet HTML 17Page - NXP Semiconductors LPC3250 Datasheet HTML 18Page - NXP Semiconductors LPC3250 Datasheet HTML 19Page - NXP Semiconductors LPC3250 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
16 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
GPO_22/
U7_HRTS/
LCDVD[14]
E10
VDD_IOD
O
General purpose output 22
O
HS UART 7 RTS out
O
LCD data bit 14 (LPC3230 and LPC3250 only)
GPO_23/
U2_HRTS/
U3_RTS
M16
VDD_IOA
O
General purpose output 23
OHS UART 2 RTS out
O
UART 3 RTS out
HIGHCORE/
LCDVD[17]
H16
VDD_IOD
O
Core voltage control out
O
LCD data bit 17 (LPC3230 and LPC3250 only)
I2C1_SCL
A5
VDD_IOB
I/O T
I2C1 serial clock input/output
I2C1_SDA
B6
VDD_IOB
I/O T
I2C1 serial data input/output
I2C2_SCL
A3
VDD_IOC
I/O T
I2C2 serial clock input/output
I2C2_SDA
E4
VDD_IOC
I/O T
I2C2 serial data input/output
I2S1TX_CLK/
MAT3[0]
A4
VDD_IOB
I/O
I2S1 transmit clock
O
Timer 3 match output 0
I2S1TX_SDA/
MAT3[1]
E7
VDD_IOB
I/O
I2S1 transmit data
O
Timer 3 match output 1
I2S1TX_WS/
CAP3[0]
B4
VDD_IOB
I/O
I2S1 transmit word select
I/O
Timer 3 capture input 0
JTAG_NTRST
H17
VDD_IOD
I: PU
JTAG1 reset input. Must be LOW during power-on
reset. See Section 12.1 “Connecting the
JTAG_NTRST pin”.
JTAG_RTCK
H18
VDD_IOD
O
JTAG1 return clock out
JTAG_TCK
H14
VDD_IOD
I
JTAG1 clock input
JTAG_TDI
J16
VDD_IOD
I: PU
JTAG1 data input
JTAG_TDO
J15
VDD_IOD
O
JTAG1 data out
JTAG_TMS
G18
VDD_IOD
I: PU
TAG1 test mode select input
KEY_COL0/
ENET_TX_CLK
F15
VDD_IOD
I
Keyscan column 0 input
I
Ethernet transmit clock (LPC3240 and LPC3250
only)
KEY_COL1/
ENET_RX_CLK/
ENET_REF_CLK
E16
VDD_IOD
I
Keyscan column 1 input
I
Ethernet receive clock (MII mode, LPC3240 and
LPC3250 only)
I
Ethernet reference clock (RMII mode, LPC3240 and
LPC3250 only)
KEY_COL2/
ENET_RX_ER
D17
VDD_IOD
I
Keyscan column 2 input
I
Ethernet receive error input (LPC3240 and
LPC3250 only)
KEY_COL3/
ENET_CRS
D18
VDD_IOD
I
Keyscan column 3 input
I
Ethernet carrier sense input (LPC3240 and
LPC3250 only)
Table 4.
Pin description …continued
Symbol
Pin
Power supply
domain
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com