Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 48Page - NXP Semiconductors LPC3250 Datasheet HTML 49Page - NXP Semiconductors LPC3250 Datasheet HTML 50Page - NXP Semiconductors LPC3250 Datasheet HTML 51Page - NXP Semiconductors LPC3250 Datasheet HTML 52Page - NXP Semiconductors LPC3250 Datasheet HTML 53Page - NXP Semiconductors LPC3250 Datasheet HTML 54Page - NXP Semiconductors LPC3250 Datasheet HTML 55Page - NXP Semiconductors LPC3250 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
52 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
[2]
Applies to VDD_CORE pins.
[3]
Applies to pins VDD_RTC, VDD_RTCCORE, and VDD_RTCOSC.
[4]
Applies to pins VDD_COREFXD, VDD_OSC, VDD_PLL397, VDD_PLLHCLK, and VDD_PLLUSB.
[5]
Applies when using 1.8 V Mobile DDR or Mobile SDR SDRAM.
[6]
Applies when using 2.5 V DDR memory.
[7]
Applies when using 3.3 V SDR SDRAM and SRAM.
[8]
Specifies current on combined VDD_RTCx during normal chip operation: VDD_RTC, VDD_CORE, VDD_OSC = 1.2 V and
VDD_CORE, VDD_IOx at typical voltage.
[9]
Specifies current on combined VDD_RTCx during backup operation: VDD_RTC, VDD_CORE, VDD_OSC = 1.2 V and all other VDD_x
at 0 V.
[10] Referenced to the applicable VDD for the pin.
[11] Including voltage on outputs in 3-state mode.
[12] The applicable VDD voltage for the pin must be present.
[13] 3-state outputs go into 3-state mode when the applicable VDD voltage for the pin is grounded.
[14] Accounts for 100 mV voltage drop in all supply lines.
[15] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
IIH
HIGH-level input current VI = VDD; no pull-down
[10] --
1
A
IOZ
OFF-state output current VO = 0 V; VO =VDD;
no pull-up/down
[10] --
1
A
Ilatch
I/O latch-up current
(1.5V
DD) < VI < (1.5VDD)
[10] --
100
mA
Table 8.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com