Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 44Page - NXP Semiconductors LPC3250 Datasheet HTML 45Page - NXP Semiconductors LPC3250 Datasheet HTML 46Page - NXP Semiconductors LPC3250 Datasheet HTML 47Page - NXP Semiconductors LPC3250 Datasheet HTML 48Page - NXP Semiconductors LPC3250 Datasheet HTML 49Page - NXP Semiconductors LPC3250 Datasheet HTML 50Page - NXP Semiconductors LPC3250 Datasheet HTML 51Page - NXP Semiconductors LPC3250 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
48 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
IDD(RTC)
RTC supply current
normal operation;
VDD_RTC =
VDD_RTCCORE =
VDD_RTCOSC = 1.2 V;
Tamb =25 C
[8] -13
-
A
RTC back up operation;
Rev “-” silicon
[9] -30
-
A
Rev “A” silicon
[9] -4
-
IDD
supply current
for HCLK; PLL output
frequency = 266 MHz;
VDD_PLLHCLK = 1.2 V
-2
-
mA
for USB; VDD_PLLUSB =
1.2 V
-2
-
mA
for ADC; interrupt driven
loop converting ADIN[2:0];
VDD_AD = 3.3 V
-
 1-
mA
Input pins and I/O pins configured as input
VI
input voltage
[10][12] 0-
VDD(IO)
V
VIH
HIGH-level
input voltage
1.8 V inputs
0.7
 V
DD(IO)
--
V
3.3 V inputs
0.7
 V
DD(IO)
--
V
VIL
LOW-level
input voltage
1.8 V inputs
-
-
0.3
 V
DD(IO)
V
3.3 V inputs
-
-
0.3
 V
DD(IO)
V
Vhys
hysteresis voltage
1.8 V inputs
0.1
 V
DD(IO)
--
V
3.3 V inputs
0.1
 V
DD(IO)
--
V
IIL
LOW-level
input current
VI = 0 V; no pull-up
-
-
1
A
IIH
HIGH-level
input current
VI = VDD(IO); no pull-down
[10] --
1
A
Ilatch
I/O latch-up current
(1.5V
DD(IO)) < VI <
(1.5VDD(IO))
[10] --
100
mA
Ipu
pull-up current
1.8 V inputs with pull-up;
VI = 0 V
612
22
A
3.3 V inputs with pull-up;
VI = 0 V
25
50
80
A
Ipd
pull-down current
1.8 V inputs with pull-down;
VI = VDD(IO)
512
22
A
3.3 V inputs with pull-down;
VI = VDD(IO)
25
50
85
A
II
input current
bus keeper inputs;
VI = VDD
--
1
A
VI = 0.67  VDD
--
55
A
VI = 0.33  VDD
--
60
A
VI = 0 V
-
-
1
A
Ci
input capacitance
Excluding bonding
pad capacitance
--
3.3
pF
Table 8.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com