Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC3250 Datasheet HTML 1Page - NXP Semiconductors LPC3250 Datasheet HTML 2Page - NXP Semiconductors LPC3250 Datasheet HTML 3Page - NXP Semiconductors LPC3250 Datasheet HTML 4Page - NXP Semiconductors LPC3250 Datasheet HTML 5Page - NXP Semiconductors LPC3250 Datasheet HTML 6Page - NXP Semiconductors LPC3250 Datasheet HTML 7Page - NXP Semiconductors LPC3250 Datasheet HTML 8Page - NXP Semiconductors LPC3250 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
1.
General description
The LPC3220/30/40/50 embedded microcontrollers were designed for low power, high
performance applications. NXP achieved their performance goals using a 90 nanometer
process to implement an ARM926EJ-S CPU core with a vector floating point co-processor
and a large set of standard peripherals including USB On-The-Go. The
LPC3220/30/40/50 operates at CPU frequencies of up to 266 MHz.
The NXP implementation uses a ARM926EJ-S CPU core with a Harvard architecture,
5-stage pipeline, and an integral Memory Management Unit (MMU). The MMU provides
the virtual memory capabilities needed to support the multi-programming demands of
modern operating systems. The ARM926EJ-S also has a hardware based set of DSP
instruction extensions, which includes single cycle MAC operations, and hardware based
native Jazelle Java Byte-code execution. The NXP implementation has a 32 kB
instruction cache and a 32 kB data cache.
For low power consumption, the LPC3220/30/40/50 takes advantage of NXP’s advanced
technology development to optimize intrinsic power and uses software controlled
architectural enhancements to optimize application based power management.
The LPC3220/30/40/50 also includes 256 kB of on-chip static RAM, a NAND flash
interface, an Ethernet MAC, an LCD controller that supports STN and TFT panels, and an
external bus interface that supports SDR and DDR SDRAM as well as static devices. In
addition, the LPC3220/30/40/50 includes a USB 2.0 full-speed interface, seven UARTs,
two I2C-bus interfaces, two SPI/SSP ports, two I2S-bus interfaces, two single output
PWMs, a motor control PWM, six general purpose timers with capture inputs and compare
outputs, a Secure Digital (SD) interface, and a 10-bit Analog-to-Digital Converter (ADC)
with a touch screen sense option.
For additional documentation, see Section 15 “References”.
2.
Features and benefits
 ARM926EJ-S processor, running at CPU clock speeds up to 266 MHz.
 Vector Floating Point (VFP) coprocessor.
 32 kB instruction cache and 32 kB data cache.
 Up to 256 kB of Internal SRAM (IRAM).
 Selectable boot-up from various external devices: NAND flash, SPI memory, USB,
UART, or static memory.
LPC3220/30/40/50
16/32-bit ARM microcontrollers; hardware floating-point
coprocessor, USB On-The-Go, and EMC memory interface
Rev. 2.1 — 24 June 2014
Product data sheet


Similar Part No. - LPC3250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3250 NXP-LPC3250 Datasheet
365Kb / 73P
16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
LPC3250 NXP-LPC3250 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
logo
List of Unclassifed Man...
LPC3250 ETC2-LPC3250 Datasheet
422Kb / 6P
OEM Board v1.5 DS
logo
NXP Semiconductors
LPC3250FET296 NXP-LPC3250FET296 Datasheet
365Kb / 73P
16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
More results

Similar Description - LPC3250

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68881 MOTOROLA-MC68881 Datasheet
1Mb / 48P
HCMOS Floating-Point Coprocessor
logo
NXP Semiconductors
LPC2290 PHILIPS-LPC2290 Datasheet
185Kb / 41P
16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC3180 PHILIPS-LPC3180 Datasheet
215Kb / 36P
16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 01-2 June 2006
logo
Digital Core Design
DFPMU DCD-DFPMU Datasheet
138Kb / 5P
Floating Point Coprocessor
logo
NXP Semiconductors
LPC2210 NXP-LPC2210_08 Datasheet
258Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC3180 NXP-LPC3180 Datasheet
845Kb / 36P
16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 02-15 February 2007
LPC3220 NXP-LPC3220 Datasheet
365Kb / 73P
16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
logo
Microchip Technology
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
logo
NXP Semiconductors
LPC2210 PHILIPS-LPC2210_15 Datasheet
273Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com