Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 9Page - NXP Semiconductors LPC3250 Datasheet HTML 10Page - NXP Semiconductors LPC3250 Datasheet HTML 11Page - NXP Semiconductors LPC3250 Datasheet HTML 12Page - NXP Semiconductors LPC3250 Datasheet HTML 13Page - NXP Semiconductors LPC3250 Datasheet HTML 14Page - NXP Semiconductors LPC3250 Datasheet HTML 15Page - NXP Semiconductors LPC3250 Datasheet HTML 16Page - NXP Semiconductors LPC3250 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
13 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
EMC_DQM[1]
P4
VDD_EMC
O
SDRAM data mask 1 out
EMC_DQM[2]
T1
VDD_EMC
O
SDRAM data mask 2 out
EMC_DQM[3]
P5
VDD_EMC
O
SDRAM data mask 3 out
EMC_DYCS0
R6
VDD_EMC
O
SDRAM active LOW chip select 0
EMC_DYCS1
G1
VDD_EMC
O
SDRAM active LOW chip select 1
EMC_OE
H1
VDD_EMC
O
EMC static memory output enable
EMC_RAS
T2
VDD_EMC
O
SDRAM row address strobe, active LOW
EMC_WR
R4
VDD_EMC
O
EMC write strobe, active LOW
FLASH_ALE
D2
VDD_IOC
O
Flash address latch enable
FLASH_CE
E3
VDD_IOC
O
Flash chip enable
FLASH_CLE
F3
VDD_IOC
O
Flash command latch enable
FLASH_IO[0]
H2
VDD_IOC
I/O: BK
Flash data bus, bit 0
FLASH_IO[1]
H3
VDD_IOC
I/O: BK
Flash data bus, bit 1
FLASH_IO[2]
F1
VDD_IOC
I/O: BK
Flash data bus, bit 2
FLASH_IO[3]
E1
VDD_IOC
I/O: BK
Flash data bus, bit 3
FLASH_IO[4]
H4
VDD_IOC
I/O: BK
Flash data bus, bit 4
FLASH_IO[5]
G2
VDD_IOC
I/O: BK
Flash data bus, bit 5
FLASH_IO[6]
G3
VDD_IOC
I/O: BK
Flash data bus, bit 6
FLASH_IO[7]
E2
VDD_IOC
I/O: BK
Flash data bus, bit 7
FLASH_RD
C1
VDD_IOC
O
Flash read enable
FLASH_RDY
D1
VDD_IOC
I
Flash ready (from flash device)
FLASH_WR
F2
VDD_IOC
O
Flash write enable
GPI_0/I2S1RX_SDA
C16
VDD_IOD
I
General purpose input 0
I
I2S1 Receive data
GPI_1/SERVICE
C15
VDD_IOD
I
General purpose input 1
I
Boot select input
GPI_2/CAP2[0]/
ENET_RXD3
C14
VDD_IOD
I
General purpose input 2
I
Timer 2 capture input 0
I
Ethernet receive data 3 (LPC3240 and LPC3250
only)
GPI_3
F4
VDD_IOC
I
General purpose input 3
GPI_4/SPI1_BUSY
E13
VDD_IOD
I
General purpose input 4
I
SPI1 busy input
GPI_5/U3_DCD
N16
VDD_IOA
I
General purpose input 5
I
UART 3 data carrier detect input
GPI_6/
HSTIM_CAP/
ENET_RXD2
C7
VDD_IOB
I: BK
General purpose input 6
I: BK
High-speed timer capture input
I : BK
Ethernet receive data 2 (LPC3240 and LPC3250
only)
Table 4.
Pin description …continued
Symbol
Pin
Power supply
domain
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com