Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 65Page - NXP Semiconductors LPC3250 Datasheet HTML 66Page - NXP Semiconductors LPC3250 Datasheet HTML 67Page - NXP Semiconductors LPC3250 Datasheet HTML 68Page - NXP Semiconductors LPC3250 Datasheet HTML 69Page - NXP Semiconductors LPC3250 Datasheet HTML 70Page - NXP Semiconductors LPC3250 Datasheet HTML 71Page - NXP Semiconductors LPC3250 Datasheet HTML 72Page - NXP Semiconductors LPC3250 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
69 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
11.9 SPI and SSP Controller
11.9.1 SPI
[1]
THCLK = period time of SPI IP block input clock (HCLK)
Fig 19.
MLC NAND flash memory status timing
tCS
tCH
tCEA
70 h
tDS
tDH
status
tRHOH
tCLS
tCLH
command
data
tCLR
tCOH
tREA
tIR
FLASH_IO[7:0]
tWHR
tWP
tRHZ
FLASH_CLE
FLASH_WR
FLASH_CE
FLASH_RD
002aae446
Table 19.
Dynamic characteristics of SPI pins on SPI master controller
Tamb = 40 C to +85 C.
Symbol
Parameter
Min
Typ
Max
Unit
Common to SPI1 and SPI2
TSPICYC
SPI cycle time
[1]
2
 T
HCLK
-
256
 T
HCLK
ns
SPI1
tSPIDSU
SPI data set-up time
-
6
-
ns
tSPIDH
SPI data hold time
-
0
-
ns
tSPIDV
SPI enable to output data valid time
-
2
-
ns
tSPIOH
SPI output data hold time
-
0
-
ns
SPI2
tSPIDSU
SPI data set-up time
-
10
-
ns
tSPIDH
SPI data hold time
-
0
-
ns
tSPIDV
SPI enable to output data valid time
-
2
-
ns
tSPIOH
SPI output data hold time
-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com