Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 4Page - NXP Semiconductors LPC3250 Datasheet HTML 5Page - NXP Semiconductors LPC3250 Datasheet HTML 6Page - NXP Semiconductors LPC3250 Datasheet HTML 7Page - NXP Semiconductors LPC3250 Datasheet HTML 8Page - NXP Semiconductors LPC3250 Datasheet HTML 9Page - NXP Semiconductors LPC3250 Datasheet HTML 10Page - NXP Semiconductors LPC3250 Datasheet HTML 11Page - NXP Semiconductors LPC3250 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
8 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
H16 HIGHCORE/LCDVD[17][1]
H17 JTAG_NTRST
H18 JTAG_RTCK
Row J
J1
EMC_A[20]/P1[20]
J2
EMC_A[21]/P1[21]
J3
EMC_A[22]/P1[22]
J4
EMC_A[23]/P1[23]
J5
VDD_IOC
J6
VDD_EMC
J7
VDD_CORE
J12
VDD_CORE
J13
VDD_IOA
J14
U3_RX/GPI_18
J15
JTAG_TDO
J16
JTAG_TDI
J17
U3_TX
J18
U2_HCTS/U3_CTS/GPI_16
Row K
K1
EMC_A[19]/P1[19]
K2
EMC_A[18]/P1[18]
K3
EMC_A[16]/P1[16]
K4
EMC_A[17]/P1[17]
K5
VSS_EMC
K6
VDD_EMC
K7
VDD_EMC
K12 VSS_CORE
K13 VSS_IOA
K14 VDD_RTC
K15 U1_RX/CAP1[0]/GPI_15
K16 U1_TX
K17 U2_TX/U3_DTR
K18 U2_RX/U3_DSR/GPI_17
Row L
L1
EMC_A[15]/P1[15]
L2
EMC_CKE1
L3
EMC_A[0]/P1[0]
L4
EMC_A[1]/P1[1]
L5
VSS_EMC
L6
VDD_EMC
L7
VSS_CORE
L12
VDD_COREFXD
L13
VDD_RTCCORE
L14
VSS_RTCCORE
L15
P0[4]/I2S0RX_WS/LCDVD[6][1]
L16
P0[5]/I2S0TX_SDA/LCDVD[7][1]
L17
P0[6]/I2S0TX_CLK/
LCDVD[12][1]
L18
P0[7]/I2S0TX_WS/LCDVD[13][1]
Row M
M1
EMC_A[2]/P1[2]
M2
EMC_A[3]/P1[3]
M3
EMC_A[4]/P1[4]
M4
EMC_A[8]/P1[8]
M5
VSS_EMC
M6
VDD_EMC
M7
VDD_CORE
M8
VDD_EMC
M9
VSS_CORE
M10 VSS_CORE
M11 VDD_CORE
M12 VSS_CORE
M13 VDD_COREFXD
M14 RESET
M15 ONSW
M16 GPO_23/U2_HRTS/U3_RTS
M17 P0[2]/I2S0RX_SDA/
LCDVD[4][1]
M18 P0[3]/I2S0RX_CLK/LCDVD[5][1]
Row N
N1
EMC_A[5]/P1[5]
N2
EMC_A[6]/P1[6]
N3
EMC_A[7/P1[7]
N4
EMC_A[12]/P1[12]
N5
VSS_EMC
N6
VSS_EMC
N7
VDD_EMC
N8
VDD_EMC
N9
VDD_EMC
N10 VDD_EMC
N11 VDD_EMC
N12 VDD_AD
N13 VDD_AD
N14 VDD_FUSE
N15 VDD_RTCOSC
N16 GPI_5/U3_DCD
N17 GPI_28/U3_RI
N18 GPO_17
Row P
P1
EMC_A[9]/P1[9]
P2
EMC_A[10]/P1[10]
P3
EMC_A[11]/P1[11]
P4
EMC_DQM[1]
P5
EMC_DQM[3]
P6
VSS_EMC
Table 3.
Pin allocation table (TFBGA296)
Pin
Symbol
Pin
Symbol
Pin
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com