Electronic Components Datasheet Search
  English  ▼

X  

LPC3250 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 17Page - NXP Semiconductors LPC3250 Datasheet HTML 18Page - NXP Semiconductors LPC3250 Datasheet HTML 19Page - NXP Semiconductors LPC3250 Datasheet HTML 20Page - NXP Semiconductors LPC3250 Datasheet HTML 21Page - NXP Semiconductors LPC3250 Datasheet HTML 22Page - NXP Semiconductors LPC3250 Datasheet HTML 23Page - NXP Semiconductors LPC3250 Datasheet HTML 24Page - NXP Semiconductors LPC3250 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
21 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
VDD_IOC
F7,
G6,
H6, J5
VDD_IOC
power
1.8 V or 3.3 V supply for IOC domain
VDD_IOD
F13,
F9
VDD_IOD
power
1.8 V to 3.3 V supply for IOD domain
VDD_OSC
T18
VDD_OSC
power
1.2 V supply for main oscillator
VDD_PLL397
T16
VDD_PLL397
power
1.2 V supply for 397x PLL
VDD_PLLHCLK
R17
VDD_PLLHCLK
power
1.2 V supply for HCLK PLL
VDD_PLLUSB
P15
VDD_PLLUSB
power
1.2 V supply for USB PLL
VDD_FUSE
N14
VDD_FUSE
power
1.2 V supply
VDD_RTC
K14
VDD_RTC
power
1.2 V supply for RTC I/O
VDD_RTCCORE
L13
VDD_RTCCORE
power
1.2 V supply for RTC
VDD_RTCOSC
N15
VDD_RTCOSC
power
1.2 V supply for RTC oscillator
VSS_AD
P13
-
power
Ground for ADC/touch screen
VSS_CORE
G8,
G10,
G12,
H7,
K12,
L7,
M9,
M10,
M12
-
power
Ground for core
VSS_EMC
K5,
L5,
M5,
N5,
N6,
P6,
P7,
P8,
P9,
P10,
P11
-
power
Ground for EMC
VSS_IOA
K13
-
power
Ground VDD_IOA domain
VSS_IOB
F6
-
power
Ground VDD_IOB domain
VSS_IOC
F5,
G5,
H5
-
power
Ground VDD_IOC domain
VSS_IOD
F10,
F11,
F12,
H12
-
power
Ground VDD_IOD domain
VSS_OSC
P14
-
power
Ground for main oscillator
VSS_PLL397
T15
-
power
Ground for 397x PLL
VSS_PLLHCLK
R18
-
power
Ground for HCLK PLL
Table 4.
Pin description …continued
Symbol
Pin
Power supply
domain
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com